| データシートサーチシステム |
|
NUC505-YO2Y データシート(PDF) 51 Page - Nuvoton Technology Corporation |
|
|
|||||||||||||||||||||||||||||
NUC505-YO2Y データシート(HTML) 51 Page - Nuvoton Technology Corporation |
|
51 / 130 page ![]() NUC505 July. 26, 2018 Page 51 of 130 Rev.1.08 32 PB.3 I/O MFP0 General purpose digital I/O pin. SPI0_CLK O MFP1 SPI0 serial clock pin. SD_CLK O MFP4 SD/SDH mode – clock. SYSCFG[2] I MFP0 System configuration setting bit 2. 33 PB.4 I/O MFP0 General purpose digital I/O pin. SPI0_MOSI O MFP1 SPI0 MOSI (Master Out, Slave In) pin. SYSCFG[3] I MFP0 System configuration setting bit 3. 34 PB.5 I/O MFP0 General purpose digital I/O pin. SPI0_MISO I MFP1 SPI0 MISO (Master In, Slave Out) pin. SD_nCD I MFP4 SD/SDH mode – card detect. 35 PB.6 I/O MFP0 General purpose digital I/O pin. UART1_TXD O MFP3 Data transmitter output pin for UART1. SD_DAT0 I/O MFP4 SD/SDH mode data line bit 0. 36 PB.7 I/O MFP0 General purpose digital I/O pin. UART1_RXD I MFP3 Data receiver input pin for UART1. SD_DAT1 I/O MFP4 SD/SDH mode data line bit 1. 37 USB_VBUS33 I MFP0 Detects whether USB is plug-in. 38 PB.8 I/O MFP0 General purpose digital I/O pin. USBH_PWEN O MFP1 USB host mode to control an external overcurrent source. TM1_CNT_OUT I/O MFP2 Timer1 event counter input/toggle output. UART1_nCTS I MFP3 Clear to Send input pin for UART1. SD_DAT2 I/O MFP4 SD/SDH mode data line bit 2. 39 PB.9 I/O MFP0 General purpose digital I/O pin. USBH_OVD I MFP1 USB host bus power over voltage detector. TM1_EXT I MFP2 Timer1 external capture input. UART1_nRTS O MFP3 Request to Send output pin for UART1. SD_DAT3 I/O MFP4 SD/SDH mode data line bit 3. |