| データシートサーチシステム |
|
NUC505-YO2Y データシート(PDF) 111 Page - Nuvoton Technology Corporation |
|
|
|||||||||||||||||||||||||||||
NUC505-YO2Y データシート(HTML) 111 Page - Nuvoton Technology Corporation |
|
111 / 130 page ![]() NUC505 July. 26, 2018 Page 111 of 130 Rev.1.08 1 2 3 4 5 6 4095 4094 7 4093 4092 Ideal transfer curve Actual transfer curve Offset Error EO Analog input voltage (LSB) 4095 ADC output code Offset Error EO Gain Error EG EF (Full scale error) = EO + EG DNL 1 LSB Note: The INL is the peak difference between the transition point of the steps of the calibrated transfer curve and the ideal transfer curve. A calibrated transfer curve means it has calibrated the offset and gain error from the actual transfer curve. |