| データシートサーチシステム |
|
175-4591 データシート(PDF) 48 Page - List of Unclassifed Manufacturers |
|
|
|||||||||||||||||||||||||||||
175-4591 データシート(HTML) 48 Page - List of Unclassifed Manufacturers |
|
48 / 54 page ![]() Read Block Under Metal To Be Welded TO WELD SIMILAR METALS TO WELD DISSIMILAR METALS LEGEND RWMA RECOMMENDED ELECTRODE MATERIALS FOR SPOT WELDING Using Conventional Spot Welding Methods WELDABILITY A-Excellent B-Good ELECTRODES, RWMA Specifications I = Group A, Class 1 - TUFFALOY 88 II = Group A, Class 2 - TUFFALOY 77 & TUFFALOY Z III = Group A, Class 3 - TUFFALOY 55 Materials indicated in circles are second choice, example II SPECIAL INFORMATION 1 - Special conditions required 2 - Good practice recommends cleaning before welding 3 - If plating is heavy, weld strength is questionable. Data based on Resistance Welding Equipment Standards, Bulletin 16, a publication of the Resistance Welder Manufacturers Association. BLOCK INTERPRETATION Tin Terne Galvanized Cadmium Chrome Stainless Scaly C.R. Steel Ferrous Plate Plate Iron Zinc Plate Plate Steel H.R. H.R. Steel Steel Steel Plate Steel Steel 18-8 Type Steel (Clean) B I A I A I II B I A II A III II B I II A II I 3 I 3 I II 3 I 3 II 3 III II I II 2 II Cold Rolled Steel Hot Rolled Steel, Clean Tin Plate Steel Terne Plate Steel Galvanized Iron Zinc Plate Cadmium Plate Steel Chrome Plate Steel Nickel Silicon Aluminum Alloys Brass Phosphor Bronze Non-Ferrous Aluminum Alloys Cupro Nickel Nickel Monel Yellow Bronze Everdur Dura- Nickel Silver Nichome 25-40% Grade Olympic luminum (High Zinc A, C & D Duronze Res.) Herculoy B I II B I II A II B II A II A II B II AB II AB II I II 2 I II 2 II II II II II II II Stainless Chrome Cadmium Gal- Terne Tin Ferrous Steel Plate Plate vanized Plate Plate Alloys 18-8 Type Steel Steel Iron Steel Steel A II III A II B II B I A I II B I III II 3 II 3 II 3 II 3 II 3 B II III B II B I II B I B I II I I 3 I 3 I 3 I 3 B II B II B I II B I I 3 I 3 I 3 I 3 B II B II B I I 3 I 3 I 3 B II B II I 3 I 3 A III II II 3 Weld- Electrodes ability Against Electrodes Special Against Information Silicon Bronze EverDur-Olympic Bronze-Herculoy Non-Ferrous Nickel Phosphor Silicon Yellow Nickel Alloys Alloys Nickel Bronze Bronze Brass Silver B II B II B II B II B II B II II II II II II II B II B II B II A II B II II II II II II B II B II B II B II II 1 II II 1 II A II B II II II B II B II III II 1 II III Nickel Alloys Stainless Steel 18-8 Type Nickel Silver Cupro Nickel Aluminum Alloys Duraluminum Alum- inum B I II I II 2 47 TUFFALOY welding data |