| データシートサーチシステム |
|
NUC505-YO2T データシート(PDF) 47 Page - Nuvoton Technology Corporation |
|
|
|||||||||||||||||||||||||||||
NUC505-YO2T データシート(HTML) 47 Page - Nuvoton Technology Corporation |
|
47 / 130 page ![]() NUC505 July. 26, 2018 Page 47 of 130 Rev.1.08 I2C1_SDA I/O MFP2 I2C1 data input/output pin. UART2_RXD I MFP3 Data receiver input pin for UART2. PWM_CH1 I/O MFP4 PWM channel1 output/capture input. 58 PB.12 I/O MFP0 General purpose digital I/O pin. SPI1_MOSI O MFP1 SPI1 MOSI (Master Out, Slave In) pin. USBH1_D+ I/O MFP2 USB host-lite 1 differential signal D+ UART2_nCTS I MFP3 Clear to Send input pin for UART2. PWM_CH2 I/O MFP4 PWM channel2 output/capture input. 59 VDD A MFP0 Power supply for I/O ports, DC 3.3V. 60 PC.11 I/O MFP0 General purpose digital I/O pin. I2S_LRCLK I/O MFP1 I 2S left right channel clock. TM3_CNT_OUT I/O MFP2 Timer3 event counter input/toggle output. PWM_CH2 I/O MFP3 PWM channel2 output/capture input. 61 PC.12 I/O MFP0 General purpose digital I/O pin. I2S_BCLK I/O MFP1 I 2S bit clock pin. TM3_EXT I MFP2 Timer3 external capture input. PWM_CH3 I/O MFP3 PWM channel3 output/capture input. 62 VDD A MFP0 Power supply, DC 3.3V. 63 LDO_CAP A MFP0 LDO output pin. 64 VSS A MFP0 Ground. |