| データシートサーチシステム |
|
ADE7756 データシート(PDF) 10 Page - Analog Devices |
|
|
|||||||||||||||||||||||||||||
ADE7756 データシート(HTML) 10 Page - Analog Devices |
|
10 / 32 page ![]() REV. 0 ADE7756 –10– AMPS 0.01 –0.50 –0.40 –0.30 –0.20 –0.10 0 0.10 0.20 0.30 0.40 0.50 0.10 1.0 10.0 100.0 PF = 1 GAIN = 8 ON-CHIP REFERENCE –40 C +25 C +85 C TPC 7. Error as a % of Reading (Power Factor = 1, Internal Reference, Gain = 8) AMPS 0.01 –0.50 –0.40 –0.30 –0.20 –0.10 0 0.10 0.20 0.30 0.40 0.50 0.10 1.0 10.0 100.0 PF = 1 GAIN = 16 ON-CHIP REFERENCE –40 C +25 C +85 C TPC 8. Error as a % of Reading (Power Factor = 1, Internal Reference, Gain = 16) AMPS 0.01 –0.50 –0.40 –0.30 –0.20 –0.10 0 0.10 0.20 0.30 0.40 0.50 0.10 1.0 10.0 100.0 PF = 1 GAIN = 1 EXTERNAL REFERENCE –40 C +25 C +85 C TPC 9. Error as a % of Reading (Power Factor = 1, External Reference, Gain = 1) AMPS 0.01 –0.50 –0.40 –0.30 –0.20 –0.10 0 0.10 0.20 0.30 0.40 0.50 0.10 1.0 10.0 100.0 PF = 0.5 GAIN = 8 ON-CHIP REFERENCE –40 C, PF = 0.5 +25 C, PF = 0.5 +85 C, PF = 0.5 +25 C, PF = 1.0 TPC 10. Error as a % of Reading (Power Factor = 0.5, Internal Reference, Gain = 8) AMPS 0.01 –0.50 –0.40 –0.30 –0.20 –0.10 0 0.10 0.20 0.30 0.40 0.50 0.10 1.0 10.0 100.0 PF = 0.5 GAIN = 16 ON-CHIP REFERENCE –40 C, PF = 0.5 +25 C, PF = 0.5 +85 C, PF = 0.5 +25 C, PF = 1.0 TPC 11. Error as a % of Reading (Power Factor = 0.5, Internal Reference, Gain = 16) AMPS 0.01 –0.50 –0.40 –0.30 –0.20 –0.10 0 0.10 0.20 0.30 0.40 0.50 0.10 1.0 10.0 100.0 PF = 1 GAIN = 2 EXTERNAL REFERENCE –40 C +85 C +25 C TPC 12. Error as a % of Reading (Power Factor = 1, External Reference, Gain = 2) |