| データシートサーチシステム |
|
93LC66ATIMS データシート(PDF) 13 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
93LC66ATIMS データシート(HTML) 13 Page - Microchip Technology |
|
13 / 24 page ![]() 2003 Microchip Technology Inc. DS21795B-page 13 93AA66A/B/C, 93LC66A/B/C, 93C66A/B/C 8-Lead Plastic Micro Small Outline Package (MS) (MSOP) D A A1 L c (F) α A2 E1 E p B n 1 2 φ β Dimensions D and E1 do not include mold flash or protrusions. Mold flash or protrusions shall not .037 REF F Footprint (Reference) exceed .010" (0.254mm) per side. Notes: Drawing No. C04-111 *Controlling Parameter Mold Draft Angle Top Mold Draft Angle Bottom Foot Angle Lead Width Lead Thickness β α c B φ .003 .009 .006 .012 Dimension Limits Overall Height Molded Package Thickness Molded Package Width Overall Length Foot Length Standoff Overall Width Number of Pins Pitch A L E1 D A1 E A2 .016 .024 .118 BSC .118 BSC .000 .030 .193 TYP. .033 MIN p n Units .026 BSC NOM 8 INCHES 0.95 REF - - .009 .016 0.08 0.22 0° 0.23 0.40 8° MILLIMETERS* 0.65 BSC 0.85 3.00 BSC 3.00 BSC 0.60 4.90 BSC .043 .031 .037 .006 0.40 0.00 0.75 MIN MAX NOM 1.10 0.80 0.15 0.95 MAX 8 -- - 15° 5° - 15° 5° - JEDEC Equivalent: MO-187 0° - 8° 5° 5° - - 15° 15° - - - - |