データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

ST22L064 データシート(PDF) 5 Page - STMicroelectronics

部品番号 ST22L064
部品情報  Smartcard 32-Bit RISC MCU with 32, 64, 96, 128 Kbytes EEPROM, Javacard HW Execution & Cryptographic Library
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST22L064 データシート(HTML) 5 Page - STMicroelectronics

  ST22L064 Datasheet HTML 1Page - STMicroelectronics ST22L064 Datasheet HTML 2Page - STMicroelectronics ST22L064 Datasheet HTML 3Page - STMicroelectronics ST22L064 Datasheet HTML 4Page - STMicroelectronics ST22L064 Datasheet HTML 5Page - STMicroelectronics ST22L064 Datasheet HTML 6Page - STMicroelectronics ST22L064 Datasheet HTML 7Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
5/7
ST22L032, L064, L096, L128
SOFTWARE DEVELOPMENT ENVIRONMENT
Modularity, flexibility and methodology are the key
words for the SmartJ™ Development Tools Plat-
form. Using the same interface, the developers are
able to create, compile and debug a project.
The SmartJ™ Integrated Development environ-
ment (IDE) includes:
–
A code Generation chain: C/C++ compiler,
assembler and linker. The assembler supports
both native and JavaCard™ instruction sets.
–
An instruction set simulator, a cycle accurate
simulator, a C/C++ source level debugger.
Software and Hardware tools allow to
efficiently generate, then validate all code and
application embbeded softwares for the
SmartJ™ platform.
Figure 3. SmartJ™ IDE



Html Pages

1 2 3 4 5 6 7