| データシートサーチシステム |
|
FL201209-R82K データシート(PDF) 6 Page - FENGJUI TECHNOLOGY CO., LTD. |
|
|
|||||||||||||||||||||||||||||
FL201209-R82K データシート(HTML) 6 Page - FENGJUI TECHNOLOGY CO., LTD. |
|
6 / 7 page ![]() FENG-JUI TECHNOLOGY CO., LTD EMI SOLOTION PRODUCTS-RoHS Your Perfect Inductor Ver. 1502 4.2 HUMIDITY RESISTANCE a. Performance specification 1. Appearance:no mechanical damage 2. Impedance shall be with ±30﹪ of the initial value b. Test condition 1. Humidity:90 to 95﹪RH 2. Temperature:40±2℃ 3. Applied current:Rated current (maximum value) 4. Testing tine:1008±12hours 5. Measurement:After placing at room ambient temperature for 24 hours minimum 4.3 TEMPERATURE CYCLE a. Performance specification 1. Appearance:no mechanical damage 2. Impedance shall be with ±30﹪of the initial value b. Test condition 1. Temperature -55℃,+125℃ kept stabilized for 30 minutes each 2. Cycle:100 cycles 3. Measurement:After placing for 24hours minimum at room ambient temperature 4. step1. -55℃ temp±3℃ 30±3 minutes step2. Room temperature 2to5 minutes step3. +125℃ temp±2℃ 30±3 minutes step4. room temperature 2to5 minutes 4.4 LOW TEMPERATURE STORAGE LIFE TEST a. Performance specification 1. Appearance:no mechanical damage 2. Impedance shall be with ±30﹪of the initial value b. Test condition 1.Temperature -55℃±2℃ 2.Testing time:1008±12hours 3.Measurement:After placing for 24 hours minimum at room ambient temperature 5. STORAGE 5.1 The solderability of the external electrode may be deteriorated if packages are stored where they are exposed to high humidity. Packages must be stored at 40℃ or less and 70﹪RH or less. 5.2 The solderability of the external electrode may be deteriorated if packages are stored where they are exposed to dust or harmful gas (hydrogen chloride,sulfurous acid gas or hydrogen sulfide). 5.3 Packaging material may be deformed if packages are stored where they are exposed to heat or direct sun-light. |