| データシートサーチシステム |
|
PI10040-8R2M データシート(PDF) 2 Page - FENGJUI TECHNOLOGY CO., LTD. |
|
|
|||||||||||||||||||||||||||||
PI10040-8R2M データシート(HTML) 2 Page - FENGJUI TECHNOLOGY CO., LTD. |
|
2 / 3 page ![]() FENG-JUI TECHNOLOGY CO., LTD HIGH CURRENT INDUCTOR-RoHS Your Perfect Inductor Rev.1601 Note1. Measurement frequency of Inductance value : at 100KHz Note2. Measurement ambient temperature of L, DCR and IDC : at 25℃ Note3. Isat: DC current at which the inductance drops 20%(typ) from its value without current Note4. Irms: Average current for 40℃ temperature rise from 25℃ ambient(typical) Note5. Inductance tolerance: M: ±20% Note6. D Dimension range: R19~R 56, D=3.0±0.5mm;1R0~680, D=4.1±0.3 mm |