| データシートサーチシステム |
|
MSM7580 データシート(PDF) 14 Page - OKI electronic componets |
|
|
|||||||||||||||||||||||||||||
MSM7580 データシート(HTML) 14 Page - OKI electronic componets |
|
14 / 18 page ![]() 14/17 ¡ Semiconductor MSM7580 NOTES ON USAGE (1) Through Mode (CODER Side) BCLK PCM side SYNC (SYNCP) PCM Input (SIP) Internal Latch Timing ADPCM side SYNC (SYNCA) ADPCM side SYNC (SYNCA) Through-Data Output (SOA) Through-Data Output (SOA) t0 t1 12345678 PCMDATA1 ADPCMDATA0 ADPCMDATA1 ADPCMDATA2 PCMDATA2 PCMDATA3 ADPCMDATA0 ADPCMDATA1 *t1 is the falling edge of the 8th BCLK counted from t0. (A) When SYNCA rises after t1, PCMDATA1 is output to ADPCMDATA1. (B) When SYNCA rises before t1, PCMDATA1 is output to ADPCMDATA1. If SYNCA rises near the t1 and jitter occurs, data slip may occur. Therefore SYNCA should not rise in the range of ±500ns from t1. Data slip means that data is deleted or the same data is output twice. (A) (B) (2) Through Mode (DECODER Side) BCLK ADPCM side SYNC (SYNCA) ADPCM Input (SIA) Internal Latch Timing PCM side SYNC (SYNCP) PCM side SYNC (SYNCP) Through-Data Output (SOP) Through-Data Output (SOP) t0 t1 12345678 ADPCMDATA1 PCMDATA0 PCMDATA1 PCMDATA2 ADPCMDATA2 ADPCMDATA3 PCMDATA0 PCMDATA1 *t1 is the falling edge of the 8th BCLK counted from t0. (A) When SYNCA rises after t1, ADPCMDATA1 is output to PCMDATA1. (B) When SYNCA rises before t1, ADPCMDATA1 is output to PCMDATA1. If SYNCP rises near the t1 and jitter occurs, data slip may occur. Therefore SYNCA should not rise in the range of ±500ns from t1. Data slip means that data is deleted or the same data is output twice. (A) (B) |