| データシートサーチシステム |
|
EM8563A データシート(PDF) 2 Page - Excelliance MOS Corp. |
|
|
|||||||||||||||||||||||||||||
EM8563A データシート(HTML) 2 Page - Excelliance MOS Corp. |
|
2 / 12 page ![]() 2013/02/25 Rev.A3 2 EM8563A Typical Application Circuit 2 Pin Configuration DIP-7 TOP VIEW D D GND COMP BNO CS VCC 1 2 3 4 5 6 7 Pin Assignment Pin Name Pin Number Pin Function CS 1 Senses the primary current. BNO 2 Line voltage detection. Use for brown-out protection. GND 3 Ground. COMP 4 Voltage feedback pin. By connecting a photo-coupler to close the control loop and achieve the regulation. VCC 5 IC Power Supply Pin. D 6,7 For start-up, the pin is also HV Power MOSFET drain Pin. AC INPUT EMI Filter EM8563A D VCC COMP GND BNO CS D Brown -out application DC OUTPUT |