データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

EM8801AG データシート(PDF) 4 Page - Excelliance MOS Corp.

部品番号 EM8801AG
部品情報  Constant Off Time, Current-Mode Controller for LED Applications
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  EXCELLIANCE [Excelliance MOS Corp.]
ホームページ  http://www.excelliancemos.com/
Logo EXCELLIANCE - Excelliance MOS Corp.

EM8801AG データシート(HTML) 4 Page - Excelliance MOS Corp.

  EM8801AG Datasheet HTML 1Page - Excelliance MOS Corp. EM8801AG Datasheet HTML 2Page - Excelliance MOS Corp. EM8801AG Datasheet HTML 3Page - Excelliance MOS Corp. EM8801AG Datasheet HTML 4Page - Excelliance MOS Corp. EM8801AG Datasheet HTML 5Page - Excelliance MOS Corp. EM8801AG Datasheet HTML 6Page - Excelliance MOS Corp. EM8801AG Datasheet HTML 7Page - Excelliance MOS Corp. EM8801AG Datasheet HTML 8Page - Excelliance MOS Corp. EM8801AG Datasheet HTML 9Page - Excelliance MOS Corp. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
2011/12/09
Rev.A.1
4
EM8801A
Absolute Maximum Ratings (Note 1)
Supply voltage, VCC--------------------------------------------------------------- -0.3V to 40V
GATE----------------------------------------------------------------------------------
-0.3V to 40V
Other pins---------------------------------------------------------------------------
0.3V to 6V
Power Dissipation, PD @ TA = 25°C, SOP-8 -------------------------------- 0.909W
Package Thermal Resistance, ΘJA, SOP-8 (Note 2)-------------------------
110°C/W
Junction Temperature------------------------------------------------------------
150°C
Lead Temperature (Soldering, 10 sec.)----------------------------------------
260°C
Storage Temperature Range-----------------------------------------------------
-65°C to 150°C
ESD susceptibility (Note3)
HBM (Human Body Mode)------------------------------------------------------
2kV
MM (Machine Mode)------------------------------------------------------------
200V
Recommended Operating Conditions (Note4)
Supply Input Voltage, VCC -----------------------------------------------------
9.75V to 34V
VCC capacitor ---------------------------------------------------------------------
1uF to 10uF
Junction Temperature
-------------------------------------------------------
-40°C to 125°C
Ambient Temperature
-------------------------------------------------------
-40°C to 85°C
Electrical Characteristics
VCC=12V, RTOFF=40kohm, TA=25℃, unless otherwise specified
Parameter
Symbol
Test Conditions
Min
Typ
Max
Units
VCC Section
VCC On Threshold Voltage
VTH-ON
9.0
9.75
10.5
V
VCC Off Hysteresis Voltage
VTH-HY
1.5
V
Current Consumption in Latch Mode
ICC-LATCH
0.6
1.2
mA
Current Consumption in Start-up
ICC-OP1
VCC=VTH-ON-0.2V
0.05
0.08
mA
Current Consumption in Device Disable
ICC-OP2
VCC=12V,
VPWMD=0V
0.6
1.2
mA
Current
Consumption
in
Device
Switching
ICC-OP3
CGATE=1nF
FSW=60KHz
1.5
2.35
mA
VCC OVP Protect voltage
IOVP
34
36
38
V
Gate Section
Rising Time
TR
CL = 1nF
80
140
ns
Falling Time
TF
CL = 1nF
30
60
ns
Gate Maximum Voltage
VGATE
15
V
Current-Sense Section
Maximum Internal Current Set-point
VCSLim
0.285
0.3
0.315
V
Leading Edge Blanking Time
TLEB
300
ns



Html Pages

1 2 3 4 5 6 7 8 9 10


データシート ダウンロード

Go To PDF Page


リンク URL



ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   データシートへのリンク    |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com