データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

EM8822A データシート(PDF) 7 Page - Excelliance MOS Corp.

部品番号 EM8822A
部品情報  Single stage Buck/Buck-Boost PFC Controller for LED Lighting
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  EXCELLIANCE [Excelliance MOS Corp.]
ホームページ  http://www.excelliancemos.com/
Logo EXCELLIANCE - Excelliance MOS Corp.

EM8822A データシート(HTML) 7 Page - Excelliance MOS Corp.

  EM8822A Datasheet HTML 1Page - Excelliance MOS Corp. EM8822A Datasheet HTML 2Page - Excelliance MOS Corp. EM8822A Datasheet HTML 3Page - Excelliance MOS Corp. EM8822A Datasheet HTML 4Page - Excelliance MOS Corp. EM8822A Datasheet HTML 5Page - Excelliance MOS Corp. EM8822A Datasheet HTML 6Page - Excelliance MOS Corp. EM8822A Datasheet HTML 7Page - Excelliance MOS Corp. EM8822A Datasheet HTML 8Page - Excelliance MOS Corp. EM8822A Datasheet HTML 9Page - Excelliance MOS Corp.  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
2014/03/21
preliminary
7
EM8822A
Switch Driver
The EM8822A contains a single totem-pole output
stage designed for direct drive of the power
MOSFET. The drive output is capable of typical rise
and fall time of 60ns with 1nF load.
Under voltage lockout
If the VDD voltage reaches UVLO(17V), the IC’s
internal blocks are enabled and start operation. If
the VCC voltage drops below 9.5V, most of the
internal blocks are disabled to reduce the operating
current. VDD voltage should reach UVLO(17V) again
to do restart up operation.
Constant current control
The output current IOUT can be represented by,
REF
out
CS
V
I
=
R
(2)
REF
V
:333mV
The pigure.15 show the Rcs location in Buck PFC
converter.
U1
EM8822
3
1
6
5
4
2
COMP
ZC D
VDD
GATE
CS
GN D
LED+
D1
LED-
+
C2
C5
L2
EE10 400uH
R2
R10
Q1
EMD02N60C TO-251
R cs
C1
Fig. 15
LED Open Protection
For LED lighting applications, when LEDs are opened,
the control loop tends to regulate rated current in
the converter. The VDD is connected to output
voltage directly. Under this condition, the output
voltage will rise to VBUS. At the same time, the
output capacitor will be damage because of high
voltage.
EM8822A VDD pin has over voltage protection and
that voltage is 29V typical. When VDD reach 29V,
VDD down to UVLO(off) and restart up again. The
auto-recovery function can protect the output
capacitor avoid from damage.
LED Short Protection
For LED lighting applications, when a number of
LEDs in a string are shorted, the output voltage
drops. The VDD is connected to output voltage
directly. So VDD drops below UVLO(off) 9.5V and
the IC will cease operation.
Once EM8822A is shutdown, the rectified line
voltage will charge the VDD hold-up capacitor via
start-up resistor. This is same as start-up operation.
Thermal Shutdown
Thermal shutdown occurs when the IC experiences
a
junction
temperature
that
is
exceeds
approximately 140 degree C. It resumes normal
operation when the junction temperature drops to
or below approximately 110 degree C.
EM8822A



Html Pages

1 2 3 4 5 6 7 8 9


データシート ダウンロード

Go To PDF Page


リンク URL



ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   データシートへのリンク    |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com