| データシートサーチシステム |
|
WL322522-R82 データシート(PDF) 4 Page - FENGJUI TECHNOLOGY CO., LTD. |
|
|
|||||||||||||||||||||||||||||
WL322522-R82 データシート(HTML) 4 Page - FENGJUI TECHNOLOGY CO., LTD. |
|
4 / 5 page ![]() FENG-JUI TECHNOLOGY CO., LTD WOUND INDUCTOR-RoHS Your Perfect Inductor Rev.1401 GENERAL CHARACTERISTICS 1. Operating temperature range -40 TO + 85℃(Includes temperature when the coil is heated) 2. External appearance On visual inspection, the coil has no external defects. 3. Terminal strength After soldering. Between copper plate and terminals of coil. Push in two directions of X.Ywithstanding at below conditions. Terminal should not peel off. (refer to figure at right) 0.5KG MIN.(WL252018.WL322522.WL453232.WL5650V.WLC322522.WLC453232) 4. Insulating resistance. Over 100MΩ at 100V D.C. between coil and core. 5. Dielectric strength No dielectric breakdown at 100V D.C. for 1 minute between coil and core. 6. Temperature characteristics Inductance coefficient (0~2,000)x10-6/℃(-25~+80℃). 7. Humidity characteristics Inductance deviation within ±5%, after 96 hours in 90~95% relative humidity at 40 ±2℃ and 1 hour drying under normal condition. 8. Vibration resistance Inductance deviation within ±5%, after vibration for 1 hour. In each of three orientations at sweep vibration (10~55~10 Hz) with 1.5mm P-P amplitudes. 9. Shock resistance Inductance deviation within ±5%, after being dropped once with 981m/s2 (100G) shock attitude upon a rubber block method shock testing machine, in three different orientations. 10. Resistance to Soldering Heat: 260 , 10 seconds ℃ 11. Storage environment Storage condition: Temperature Range: 10 ~ 35 (Generally: 21 ~ 31 ) ℃℃ ℃℃ Humidity Range: 50% ~ 80% RH (Generally: 65% ~ 75%) Transportation condition: Temperature Range: -35 ~ 85 ℃℃ Humidity Range: 50% ~ 95% RH |