| データシートサーチシステム |
|
1N60-TN3-R データシート(PDF) 3 Page - ARTSCHIP ELECTRONICS CO.,LMITED. |
|
|
|||||||||||||||||||||||||||||
1N60-TN3-R データシート(HTML) 3 Page - ARTSCHIP ELECTRONICS CO.,LMITED. |
|
3 / 8 page ![]() 1N60 Power MOSFET www.artschip.com 3 ELECTRICAL CHARACTERISTICS(Cont.) PARAMETER SYMBOL TEST CONDITIONS MIN TYP MAX UNIT Switching Characteristics Turn-On Delay Time tD (ON) 5 20 ns Rise Time tR 25 60 ns Turn-Off Delay Time tD(OFF) 7 25 ns Fall Time tF VDD =300V, ID =1.2A, RG=50Ω (Note 1,2) 25 60 ns Total Gate Charge QG 9.0 6.0 nC Gate-Source Charge QGS 1.0 nC Gate-Drain Charge QGD VDS=480V, VGS=10V, ID=2.4A (Note 1, 2) 2.6 nC Drain-Source Diode Characteristics Drain-Source Diode Forward Voltage VSD VGS = 0 V, ISD = 1.2 A 1.4 V Continuous Drain-Source Current ISD 1.2 A Pulsed Drain-Source Current ISM 4.8 A Reverse Recovery Time tRR 160 ns Reverse Recovery Charge QRR VGS = 0 V, ISD = 1.2A, di/dt = 100 A/µs (Note1) 0.3 µC Note: 1. Pulse Test: Pulse Width ≤300µs, Duty Cycle≤2% 2. Essentially Independent of Operating Temperature |