| データシートサーチシステム |
|
AS2533P データシート(PDF) 12 Page - ARTSCHIP ELECTRONICS CO.,LMITED. |
|
|
|||||||||||||||||||||||||||||
AS2533P データシート(HTML) 12 Page - ARTSCHIP ELECTRONICS CO.,LMITED. |
|
12 / 25 page ![]() 12 Rev. 7 July 1998 Data Sheet AS2533...6 Operating Procedures Procedure Principles The procedures for utilizing the features of the AS253x are optimized out of consideration for the human factor in order to: - meet the user´s expectations - be easy to learn and relearn - not invoke any automatic functions which the user doesn´t expect - protect the user from committing critial errors, e.g. dialling wrong numbers, deleting stored numbers, etc. - be consistent, simple and usable. The following pages describe the operating procedures for the provided features. Pressing an unvalid key or key combination during programming will cause the device to abort the programme state. Pressing any key combination or sequence which is not described or defined may cause the device to enter a state or mode that does not comply with the expectation of the user. In such cases, any undesired state can be terminated at any time by going on-hook / off-hook which will generate a functional reset. Idle (on-hook, no ringing) Speech mode Programming False programme entry Invalid entry TEXT State according to text Privacy mute X sec or Time out (x sec.) Dialling (LD or MF) Storing (writing into RAM) Processing according to text TEXT reading from memory KEY Going off-hook Going on-hook Pressing a key Entering a number Entry according to text TEXT Symbols STATES ENTRIES PROCESSING |