データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

MSM7617 データシート(PDF) 7 Page - OKI electronic componets

部品番号 MSM7617
部品情報  2-Channel Echo Canceler
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  OKI [OKI electronic componets]
ホームページ  http://www.oki.com
Logo OKI - OKI electronic componets

MSM7617 データシート(HTML) 7 Page - OKI electronic componets

Back Button MSM7617 Datasheet HTML 3Page - OKI electronic componets MSM7617 Datasheet HTML 4Page - OKI electronic componets MSM7617 Datasheet HTML 5Page - OKI electronic componets MSM7617 Datasheet HTML 6Page - OKI electronic componets MSM7617 Datasheet HTML 7Page - OKI electronic componets MSM7617 Datasheet HTML 8Page - OKI electronic componets MSM7617 Datasheet HTML 9Page - OKI electronic componets MSM7617 Datasheet HTML 10Page - OKI electronic componets MSM7617 Datasheet HTML 11Page - OKI electronic componets Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 29 page
background image
7/28
¡ Semiconductor
MSM7617
Pin
Symbol
Type
Description
18
ATT1
I
ATT control pin for channel 1.
This pin controls the ATT function for preventing howling with the
attenuators (ATT) provided on RIN and SOUT. When input is only on RIN,
the SOUT attenuator is activated. When there is no input on RIN or there is
input on both SIN and RIN, the RIN input attenuator is activated. Either the
ATT for the RIN output or the ATT for the SOUT is always activated in all
cases, and the attenuation of ATT is 6 dB.
"H": Attenuator off
"L": Attenuator on
Because the attenuator is inserted opposite the speaker, it is effective for
further reducing echo.
19
SOUT1
O
PCM data output pin. Output signal changes depending on the setting of
the IOM pins (refer to the block diagram).
Data is always output on the rising edge of SCK. This pin is put in high
impedance state while there is no data or during reset.
In 2-channel parallel I/O mode, this pin becomes SOUT for channel 1 and
outputs the PCM signal synchronous with SYNC1. In 2-channel serial I/O
mode, this pin outputs the SOUT signal as a multiplexed PCM signal of
SOUT signal for channel 1 and channel 2 synchronous with SYNC1.
In 1-channel cross-connected mode, this pin becomes high impedance.
17
HD1
I
Howling detection control pin for channel 1.
This pin controls detection and canceling of howling generated by the
acoustics of handsfree telephones.
"L": Howling detector on
"H": Howling detector off
PIN DESCRIPTIONS (Continued)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


データシート ダウンロード

Go To PDF Page


リンク URL



ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   データシートへのリンク    |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com