| データシートサーチシステム |
|
MSM7652 データシート(PDF) 18 Page - OKI electronic componets |
|
|
|||||||||||||||||||||||||||||
MSM7652 データシート(HTML) 18 Page - OKI electronic componets |
|
18 / 36 page ![]() MSM7652 ¡ Semiconductor 18 OUTPUT FORMAT The timing conforms to the ITU624 standard. In the NTSC operation mode, the existence/non-existence of setup level is selected by setting of internal regsiters. Data level on the DAC input terminal: When the contents of 100% luminance order color bar are input into the encoder, the input level is as follows. –20 0 7.5 11 20 30 41 59 70 89 100 133 –40 114 224 266 285 338 390 450 549 610 715 775 957 4 DAC data Lumi (IRE) Composite Wave Form (NTSC) White Yellow Cyan Green Magenta Red Blue Black NTSC Composite Signal (Setup 7.5) |