データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

MSM80C154S データシート(PDF) 1 Page - OKI electronic componets

部品番号 MSM80C154S
部品情報  CMOS 8-bit Microcontroller
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  OKI [OKI electronic componets]
ホームページ  http://www.oki.com
Logo OKI - OKI electronic componets

MSM80C154S データシート(HTML) 1 Page - OKI electronic componets

  MSM80C154S Datasheet HTML 1Page - OKI electronic componets MSM80C154S Datasheet HTML 2Page - OKI electronic componets MSM80C154S Datasheet HTML 3Page - OKI electronic componets MSM80C154S Datasheet HTML 4Page - OKI electronic componets MSM80C154S Datasheet HTML 5Page - OKI electronic componets MSM80C154S Datasheet HTML 6Page - OKI electronic componets MSM80C154S Datasheet HTML 7Page - OKI electronic componets MSM80C154S Datasheet HTML 8Page - OKI electronic componets MSM80C154S Datasheet HTML 9Page - OKI electronic componets Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 40 page
background image
1/40
MSM80C154S/83C154S
¡ Semiconductor
GENERAL DESCRIPTION
The MSM80C154S/MSM83C154S, designed for the high speed version of the existing
MSM80C154/MSM83C154, is a higher performance 8-bit microcontroller providing low-power
consumption.
The MSM80C154S/MSM83C154S covers the functions and operating range of the existing
MSM80C154/83C154/80C51F/80C31F.
The MSM80C154S is identical to the MSM83C154S except it does not contain the internal
program memory (ROM).
FEATURES
• Operating range
Operating frequency
: 0 to 3 MHz (Vcc=2.2 to 6.0 V)
0 to 12 MHz (Vcc=3.0 to 6.0 V)
0 to 24 MHz (Vcc=4.5 to 6.0 V)
Operating voltage
: 2.2 to 6.0 V
Operating temperature
: –40 to +85
°C (Operation at +125°C conforms to
the other specification.)
• Fully static circuit
• Upward compatible with the MSM80C51F/80C31F
• On-chip program memory
: 16K words x 8 bits ROM (MSM83C154S only)
• On-chip data memory
: 256 words x 8 bits RAM
• External program memory address space : 64K bytes ROM (Max)
• External data memory address space
: 64K bytes RAM
• I/O ports
: 4 ports x 8 bits
(Port 1, 2, 3, impedance programmable)
: 32
• 16-bit timer/counters
: 3
• Multifunctional serial port
: I/O Expansion mode
: UART mode (featuring error detection)
• 6-source 2-priority level
Interrupt and multi-level
Interrupt available by programming IP and IE registers
• Memory-mapped special function registers
• Bit addressable data memory and SFRs
• Minimum instruction cycle
: 500 ns @ 24 MHz operation
• Standby functions
: Power-down mode (oscillator stop)
Activated by software or hardware; providing
ports with floating or active status
The software power-down stet mode is termi-
nated by interrupt signal enabling execution from
the interrupted address.
¡ Semiconductor
MSM80C154S/83C154S
CMOS 8-bit Microcontroller
E2E1023-27-Y3
This version: Jan. 1998
Previous version: Nov. 1996


同様の部品番号 - MSM80C154S

メーカー部品番号データシート部品情報
logo
OKI electronic componet...
MSM80C31 OKI-MSM80C31 Datasheet
355Kb / 39P
CMOS 8-Bit Microcontroller
MSM80C31F OKI-MSM80C31F Datasheet
355Kb / 39P
CMOS 8-Bit Microcontroller
MSM80C35 OKI-MSM80C35 Datasheet
149Kb / 20P
CMOS 8-Bit Microcontroller
MSM80C39 OKI-MSM80C39 Datasheet
149Kb / 20P
CMOS 8-Bit Microcontroller
MSM80C40 OKI-MSM80C40 Datasheet
149Kb / 20P
CMOS 8-Bit Microcontroller
More results

同様の説明 - MSM80C154S

メーカー部品番号データシート部品情報
logo
Toshiba Semiconductor
TMP88CP77F TOSHIBA-TMP88CP77F Datasheet
627Kb / 12P
CMOS 8-BIT Microcontroller
TMP86PM47AUG TOSHIBA-TMP86PM47AUG Datasheet
755Kb / 14P
CMOS 8-Bit Microcontroller
TMP86PM47U TOSHIBA-TMP86PM47U Datasheet
738Kb / 14P
CMOS 8-Bit Microcontroller
TMP87PM53F TOSHIBA-TMP87PM53F Datasheet
589Kb / 16P
CMOS 8-BIT MICROCONTROLLER
TMP87PS68DF TOSHIBA-TMP87PS68DF Datasheet
569Kb / 16P
CMOS 8-BIT MICROCONTROLLER
TMP88CU74F TOSHIBA-TMP88CU74F Datasheet
1Mb / 132P
CMOS 8-BIT MICROCONTROLLER
TMP87C409BNG TOSHIBA-TMP87C409BNG Datasheet
4Mb / 89P
CMOS 8-BIT MICROCONTROLLER
TMP86FH47UG TOSHIBA-TMP86FH47UG Datasheet
438Kb / 34P
CMOS 8-BIT MICROCONTROLLER
TMP86FS27FG TOSHIBA-TMP86FS27FG Datasheet
399Kb / 32P
CMOS 8-BIT MICROCONTROLLER
logo
Siemens Semiconductor G...
C515C_9711 SIEMENS-C515C_9711 Datasheet
1Mb / 268P
8-Bit CMOS Microcontroller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


データシート ダウンロード

Go To PDF Page


リンク URL



ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   データシートへのリンク    |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com