データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

ICM515NB データシート(PDF) 10 Page - List of Unclassifed Manufacturers

部品番号 ICM515NB
部品情報  Color CMOS Image Sensor With 574x483 Pixel NTSC Composite Video Output
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  ETC1 [List of Unclassifed Manufacturers]
ホームページ  
Logo ETC1 - List of Unclassifed Manufacturers

ICM515NB データシート(HTML) 10 Page - List of Unclassifed Manufacturers

Back Button ICM515NB Datasheet HTML 6Page - List of Unclassifed Manufacturers ICM515NB Datasheet HTML 7Page - List of Unclassifed Manufacturers ICM515NB Datasheet HTML 8Page - List of Unclassifed Manufacturers ICM515NB Datasheet HTML 9Page - List of Unclassifed Manufacturers ICM515NB Datasheet HTML 10Page - List of Unclassifed Manufacturers ICM515NB Datasheet HTML 11Page - List of Unclassifed Manufacturers ICM515NB Datasheet HTML 12Page - List of Unclassifed Manufacturers ICM515NB Datasheet HTML 13Page - List of Unclassifed Manufacturers ICM515NB Datasheet HTML 14Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 25 page
background image
ICM515NB 574x483 Pixel CMOS NTSC Sensor
Data Sheet V1.0 November 2002
©2000, 2001,2002 IC Media Corporation & IC Media Technology Corp
1/17/2003
page 10
Company Confidential
4: 2.5
5: 3
6: 3.5
7: 4
0x31
AD_SP_Hith
0x0A
(10)
[7:0] sharpness high tone threshold
0x33
AD_AWB_CTRL*
0xC7
[0] 0:disable AWB 1:enable AWB
[1] 0: G, R, B has range limit, R>G/2 & G>R/2 &
B>G/2 & G>B/2 1: Gray Wall method
[2] Image changing low pass filter,
0:disable 1:enabl
[3] low pass adjust step, 0: 1/8, 1:1/4
[6] 0: Disable AWB either at low lux or AE is
changing; 1: AWB is always ON.
[7] AWB sampling area selection
0:Center 1:whole Frame
0x1E
AD_AWB_GAIN_CTRL
0xF8
Min value: [3:0]x1/8; Max value: [7:4]x1/4
0x1F
AD_AWB_WF_CTRL
0xB0
[4:0] AWB sampling frequency in terms of frame
period: [4:0]x2;
[7:5] White pixel limit: 2^([7:5]+4)
0x34
AD_AWB_OVERFLOW*
0xFE
(254)
[7:0] AWB overflow limit, if "R,G,B" of pixel >
(overflowx2+1), this pixel will not be satisfied.
0x35
AD_AWB_BRIGHTTH*
0x00
[7:0] AWB Bright limit, if "G"/2 of pixel > Bright
limit, this pixel will be satisfied.
0x36
AD_DG_GAIN*
0x20
[7:0] digital gain, 3.5 format
When AE on, read back AE`s Digital Gain
0x37
AD_WB_RED*
0x70
[7:0] white balance red gain, 2.6 format
0x38
AD_WB_GREEN*
0x80
[7:0] white balance green gain, 2.6 format
0x39
AD_WB_BLUE*
0x90
[7:0] white balance blue gain, 2.6 format
Auto exposure control parameters
0x3A
AD_AE_CTRL*
0xF7
[0] 0:disable AE, 1:enable AE
[1] 0:disable Digital Gain compensation, 1:enable
Digital Gain compensation
[2] 0:disable Anti-Flicker, 1:enable Anti-Flicker
[3] ET_fast control, 0:ET search start from former
ET, 1:ET search start from 524
[7:4] x2: The image change frame number
tolerance
0x3B
AD_AETARGET
0x38
(56)
[7:0] AE Y target, Y=(2R/8+5G/8+B/8)*1/2
0x3C
AD_AETOLE
0x08
[7:0] AE Y change tolerance
0x3D
0x3E
AD_BLL
AD_BLH
0xC0
[10:0] bright pixel number limit,10% of sampling
pixel number:2040 ,if the bright pixel number >
limit, this frame is over exposed, AE target is
reduced automatically by 10
0x40
AD_AEGAIN_CTRL
0x78
Digital gain limit
[3:0] x1/8: min digital gain limit
[7:4] x1/2 max digital gain limit
0x43
AD_AESTEP
0xBF
AE adjust step ratio to expected step
[2:0]: 1/2^[2:0]: the ratio for ET increase step;
min step is (1/32)
[5:3:] 1/2^[5:3]: the ratio for ET decrease step;
min step is (1/32)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


データシート ダウンロード

Go To PDF Page


リンク URL



ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   データシートへのリンク    |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com