| データシートサーチシステム |
|
MPC7445 データシート(PDF) 34 Page - Freescale Semiconductor, Inc |
|
|
|||||||||||||||||||||||||||||
MPC7445 データシート(HTML) 34 Page - Freescale Semiconductor, Inc |
|
34 / 64 page ![]() MPC7455 RISC Microprocessor Hardware Specifications, Rev. 4.1 34 Freescale Semiconductor Pin Assignments Figure 19 (in Part A) shows the pinout of the MPC7455, 483 CBGA package as viewed from the top surface. Part B shows the side profile of the CBGA package to indicate the direction of the top surface view. Figure 19. Pinout of the MPC7455, 483 CBGA Package as Viewed from the Top Surface A B C D E F G H J K L M N P R T 1 2 3 4 5 6 7 8 9 1011 12 1314 15 16 Not to Scale 17 18 19 U V W 20 21 22 Y AA AB Part A View Part B Die Substrate Assembly Encapsulant |