| データシートサーチシステム |
|
V62/13624-01XE-R データシート(PDF) 60 Page - Texas Instruments |
|
|
|
|||||||||||||||||||||||||||||
V62/13624-01XE-R データシート(HTML) 60 Page - Texas Instruments |
|
60 / 77 page ![]() Direction 0: Input 1: Output P2SEL.x P2DIR.5 P2IN.5 P2IRQ.5 D EN Module X IN Module X OUT P2OUT.5 Interrupt Edge Select Q EN Set P2SEL.5 P2IES.5 P2IFG.5 P2IE.5 P2.5/ROSC/CA5 DVSS DVCC P2REN.x 1 1 0 1 0 1 0 Bus Keeper EN DCOR To DCO Pad Logic From Comparator To Comparator CAPD.x in DCO 60 MSP430F2132-EP SLAS913A – JULY 2013 – REVISED AUGUST 2013 www.ti.com Product Folder Links: MSP430F2132-EP Submit Documentation Feedback Copyright © 2013, Texas Instruments Incorporated (1) X = Don't care (2) Setting the CAPD.x bit disables the output driver as well as the input to prevent parasitic cross currents when applying analog signals. Selecting the CAx input to the comparator multiplexer with the P2CAx bits automatically disables the input buffer for that pin, regardless of the state of the associated CAPD.x bit. 6.8 Port P2 Pin Schematic: P2.5, Input/Output With Schmitt Trigger Table 23. Port P2 (P2.5) Pin Functions PIN NAME (P2.x) x FUNCTION CONTROL BITS AND SIGNALS(1) CAPD.5 DCOR P2DIR.5 P2SEL.5 P2SEL2.x = 0 P2.5/ROSC/CA5 5 P2.5 (I/O) 0 0 I: 0, O: 1 0 ROSC 0 1 X X DVSS 0 0 1 1 CA5(2) 1 0 X X |