| データシートサーチシステム |
|
MPC880ZP80 データシート(PDF) 80 Page - Freescale Semiconductor, Inc |
|
|
|||||||||||||||||||||||||||||
MPC880ZP80 データシート(HTML) 80 Page - Freescale Semiconductor, Inc |
|
80 / 92 page ![]() MPC885/MPC880 Hardware Specifications, Rev. 3 80 Freescale Semiconductor Mechanical Data and Ordering Information IP_B6 DSDI AT0 A8 Bidirectional Three-state IP_B7 PTR AT3 B8 Bidirectional Three-state OP0 UtpClk_Split1 B6 Bidirectional OP1 C6 Output OP2 MODCK1 STS D6 Bidirectional OP3 MODCK2 DSDO A6 Bidirectional BADDR30 REG A7 Output BADDR[28:29] C5, B5 Output AS D7 Input PA15 USBRXD N16 Bidirectional PA14 USBOE P17 Bidirectional (Optional: open-drain) PA13 RXD2 W11 Bidirectional PA12 TXD2 P16 Bidirectional (Optional: open-drain) PA11 RXD4 MII1-TXD0 RMII1-TXD0 W9 Bidirectional (Optional: open-drain) PA10 MII1-TXER TIN4 CLK7 W17 Bidirectional (Optional: open-drain) PA9 L1TXDA RXD3 T15 Bidirectional (Optional: open-drain) PA8 L1RXDA TXD3 W15 Bidirectional (Optional: open-drain) Table 39. Pin Assignments (continued) Name Pin Number Type |