| データシートサーチシステム |
|
MPC880CZP66 データシート(PDF) 9 Page - Freescale Semiconductor, Inc |
|
|
|||||||||||||||||||||||||||||
MPC880CZP66 データシート(HTML) 9 Page - Freescale Semiconductor, Inc |
|
9 / 92 page ![]() MPC885/MPC880 Hardware Specifications, Rev. 3 Freescale Semiconductor 9 Maximum Tolerated Ratings 3 Maximum Tolerated Ratings This section provides the maximum tolerated voltage and temperature ranges for the MPC885/880. Table 2 displays the maximum tolerated ratings, and Table 3 displays the operating temperatures. This device contains circuitry protecting against damage due to high-static voltage or electrical fields; however, it is advised that normal precautions be taken to avoid application of any voltages higher than maximum-rated voltages to this high-impedance circuit. Reliability of operation is enhanced if unused inputs are tied to an appropriate logic voltage level (for example, either GND or VDD). Table 2. Maximum Tolerated Ratings Rating Symbol Value Unit Supply voltage 1 1 The power supply of the device must start its ramp from 0.0 V. VDDH –0.3 to 4.0 V VDDL –0.3 to 2.0 V VDDSYN –0.3 to 2.0 V Difference between VDDL and VDDSYN <100 mV Input voltage 2 2 Functional operating conditions are provided with the DC electrical specifications in Table 6. Absolute maximum ratings are stress ratings only; functional operation at the maxima is not guaranteed. Stress beyond those listed may affect device reliability or cause permanent damage to the device. See Section 8, “Power Supply and Power Sequencing.” Caution: All inputs that tolerate 5 V cannot be more than 2.5 V greater than VDDH. This restriction applies to power up and normal operation (that is, if the MPC885/880 is unpowered, a voltage greater than 2.5 V must not be applied to its inputs). Vin GND – 0.3 to VDDH V Storage temperature range Tstg –55 to +150 °C Table 3. Operating Temperatures Rating Symbol Value Unit Temperature 1 (standard) 1 Minimum temperatures are guaranteed as ambient temperature, T A. Maximum temperatures are guaranteed as junction temperature, Tj. TA(min) 0°C Tj(max) 95 °C Temperature (extended) TA(min) –40 °C Tj(max) 100 °C |