データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

STTH1002CFP データシート(PDF) 6 Page - STMicroelectronics

部品番号 STTH1002CFP
部品情報  HIGH EFFICIENCY ULTRAFAST DIODE
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STTH1002CFP データシート(HTML) 6 Page - STMicroelectronics

  STTH1002CFP Datasheet HTML 1Page - STMicroelectronics STTH1002CFP Datasheet HTML 2Page - STMicroelectronics STTH1002CFP Datasheet HTML 3Page - STMicroelectronics STTH1002CFP Datasheet HTML 4Page - STMicroelectronics STTH1002CFP Datasheet HTML 5Page - STMicroelectronics STTH1002CFP Datasheet HTML 6Page - STMicroelectronics STTH1002CFP Datasheet HTML 7Page - STMicroelectronics STTH1002CFP Datasheet HTML 8Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
STTH1002C
6/8
PACKAGE MECHANICAL DATA
D
2PAK
A
C2
D
R
A2
M
V2
C
A1
G
L
L3
L2
B
B2
E
*
* FLAT ZONE NO LESS THAN 2mm
8.90
3.70
1.30
5.08
16.90
10.30
FOOTPRINT DIMENSIONS (in millimeters)
REF.
DIMENSIONS
Millimeters
Inches
Min.
Max.
Min.
Max.
A
4.40
4.60
0.173
0.181
A1
2.49
2.69
0.098
0.106
A2
0.03
0.23
0.001
0.009
B
0.70
0.93
0.027
0.037
B2
1.14
1.70
0.045
0.067
C
0.45
0.60
0.017
0.024
C2
1.23
1.36
0.048
0.054
D
8.95
9.35
0.352
0.368
E
10.00
10.40
0.393
0.409
G
4.88
5.28
0.192
0.208
L
15.00
15.85
0.590
0.624
L2
1.27
1.40
0.050
0.055
L3
1.40
1.75
0.055
0.069
M
2.40
3.20
0.094
0.126
R
0.40 typ.
0.016 typ.
V2
0°
8°
0°
8°



Html Pages

1 2 3 4 5 6 7 8