| データシートサーチシステム |
|
BMP085 データシート(PDF) 3 Page - Bosch Sensortec GmbH |
|
|
|||||||||||||||||||||||||||||
BMP085 データシート(HTML) 3 Page - Bosch Sensortec GmbH |
|
3 / 27 page ![]() BMP085 Data sheet Bosch Sensortec Rev. 1.2 Page 3 15 October 2009 © Bosch Sensortec GmbH reserves all rights even in the event of industrial property rights. We reserve all rights of disposal such as copying and passing on to third parties. BOSCH and the symbol are registered trademarks of Robert Bosch GmbH, Germany. Specifications are subject to change without notice. BMB085 general description The BMP085 is the fully pin- and function compatible successor of the SMD500, a new generation of high precision digital pressure sensors for consumer applications. The universal C-code SMD500/BMP085 (“BMP085_SMD500_API”) is fully upward compatible to SMD500 and recognizes automatically the device ID. Customers already working with the SMD500 pressure sensor are invited to contact Bosch Sensortec as soon as they intend to switch-over to the BMP085 sensor for getting first-hand support. The ultra-low power, low voltage electronics of the BMP085 is optimized for use in mobile phones, PDAs, GPS navigation devices and outdoor equipment. With a low altitude noise of merely 0.25m at fast conversion time, the BMP085 offers superior performance. The I 2C interface allows for easy system integration with a microcontroller. The BMP085 is based on piezo-resistive technology for EMC robustness, high accuracy and linearity as well as long term stability. Robert Bosch is the world market leader for pressure sensors in automotive applications. Based on the experience of over 200 million pressure sensors in the field, the BMP085 continues a new generation of micro-machined pressure sensors. |