| データシートサーチシステム |
|
MSM82C53-2JS データシート(PDF) 9 Page - OKI electronic componets |
|
|
|||||||||||||||||||||||||||||
MSM82C53-2JS データシート(HTML) 9 Page - OKI electronic componets |
|
9 / 19 page ![]() 9/19 ¡ Semiconductor MSM82C53-2RS/GS/JS • Select Counter (SC0, SC1): Selection of set counter • Read/Load (RL1, RL0): Count value Reading/Loading format setting • Mode (M2, M1, M0): Operation waveform mode setting 0 ¥ ¥ 0 M2 Set Contents 0 1 1 0 M1 1 0 1 0 M0 1 1 0 0 0 1 Mode 0 (Interrupt on Terminal Count) Mode 1 (Programmable One-Shot) Mode 2 (Rate Generator) Mode 3 (Square Wave Generator) Mode 4 (Software Triggered Strobe) Mode 5 (Hardware Triggered Strobe) ¥ denotes "not specified". • BCD: Operation count mode setting 1 0 BCD Binary Count (16-bit Binary) BCD Count (4-decade Binary Coded Decimal) Set Contents After setting Read/Load, Mode, and BCD in each counter as outlined above, next set the desired count value. (In some Modes, counting is started immediately after the count value has been written). This count value setting must conform with the Read/Load format set in advance. Note that the internal counters are reset to 0000H during control word setting. The counter value (0000H) can’t be read. If the two bytes (LSB and MSB) are written at this stage (RL0 and RL1 = 1,1), take note of the following precaution. Although the count values may be set in the three counters in any sequence after the control word has been set in each counter, count values must be set consecutively in the LSB - MSB order in any one counter. 0 1 1 0 SC1 1 0 1 0 SC0 Counter #0 Selection Counter #1 Selection Counter #2 Selection Illegal Combination Set Contents 0 1 1 0 RL1 Set Contents 1 0 1 0 RL0 Counter Latch Operation Reading/Loading of Least Significant Byte (LSB) Reading/Loading of Most Significant Byte (MSB) Reading/Loading of LSB Followed by MSB |