| データシートサーチシステム |
|
MSM82C54-2JS データシート(PDF) 8 Page - OKI electronic componets |
|
|
|||||||||||||||||||||||||||||
MSM82C54-2JS データシート(HTML) 8 Page - OKI electronic componets |
|
8 / 23 page ![]() 8/23 ¡ Semiconductor MSM82C54-2RS/GS/JS DESCRIPTION OF BASIC OPERATIONS Data transfers between the internal registers and external data bus is outlined in the following table. DESCRIPTION OF OPERATION MSM82C54-2 functions are selected by control words from the CPU. In the required program sequence, the control word setting is followed by the count value setting and execution of the desired timer operation. Control Word and Count Value Program Each counter operating mode is set by control word programming. The control word format is outlined below. SC1 D7 SC0 D6 RL1 D5 RL0 D4 M2 D3 M1 D2 M0 D1 BCD D0 Select Counter Read/Load Mode BCD (CS=0, A0, A1=1, 1, RD=1, WR=0) 0 0 0 0 0 CS Function 0 0 0 1 0 1 1 1 0 1 RD 0 0 0 ¥ 1 0 0 0 1 0 WR 1 1 1 ¥ 1 0 1 1 0 0 A1 0 1 1 ¥ ¥ 1 0 1 0 0 A0 1 0 1 ¥ ¥ Data Bus to Counter #0 Writing Data Bus to Counter #1 Writing Data Bus to Counter #2 Writing Data Bus to Control Word Register Writing Data Bus from Counter #0 Writing Data Bus from Counter #1 Writing Data Bus from Counter #2 Writing Data Bus in High Impedance Status ¥: denotes "not specified" |