| データシートサーチシステム |
|
RF64W データシート(PDF) 41 Page - HOPE Microelectronics CO., Ltd. |
|
|
|||||||||||||||||||||||||||||
RF64W データシート(HTML) 41 Page - HOPE Microelectronics CO., Ltd. |
|
41 / 76 page ![]() ADVANCED COMMUNICATIONS & SENSING Page 41 of 76 RF64 Tel: +86-755-82973805 Fax: +86-755-82973550 E-mail: sales@hoperf.com http://www.hoperf.com RZ) 5.3. Continuous Mode 5.3.1. General Description As illustrated in Figure 34, in Continuous mode the NRZ data to (from) the (de)modulator is directly accessed by the uC on the bidirectional DATA pin (20). The SPI Data, FIFO and packet handler are thus inactive. Tx/Rx RF64 CONTROL DATA IRQ_0 IRQ_1(DCLK) Data Rx SYNC RECOG. SPI CONFIG NSS_CONFIG SCK MOSI MISO Datapath Figure 34: Continuous Mode Conceptual View 5.3.2. Tx Processing In Tx mode, a synchronous data clock for an external uC is provided on IRQ_1 pin. Its timing with respect to the data is illustrated in Figure 35. DATA is internally sampled on the rising edge of DCLK so the uC can change logic state anytime outside the greyed out setup/hold zone. The use of DCLK is compulsory in FSK and optional in OOK. T_DATA T_DATA DATA (N DCLK Figure 35: Tx Processing in Continuous Mode |