データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

INMP405ACEZ-R7 データシート(PDF) 11 Page - TDK Electronics

部品番号 INMP405ACEZ-R7
部品情報  Omnidirectional Microphone with Bottom Port and Analog Output
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TDK [TDK Electronics]
ホームページ  http://www.tdk.com
Logo TDK - TDK Electronics

INMP405ACEZ-R7 データシート(HTML) 11 Page - TDK Electronics

Back Button INMP405ACEZ-R7 Datasheet HTML 5Page - TDK Electronics INMP405ACEZ-R7 Datasheet HTML 6Page - TDK Electronics INMP405ACEZ-R7 Datasheet HTML 7Page - TDK Electronics INMP405ACEZ-R7 Datasheet HTML 8Page - TDK Electronics INMP405ACEZ-R7 Datasheet HTML 9Page - TDK Electronics INMP405ACEZ-R7 Datasheet HTML 10Page - TDK Electronics INMP405ACEZ-R7 Datasheet HTML 11Page - TDK Electronics INMP405ACEZ-R7 Datasheet HTML 12Page - TDK Electronics INMP405ACEZ-R7 Datasheet HTML 13Page - TDK Electronics  
Zoom Inzoom in Zoom Outzoom out
 11 / 13 page
background image
INMP405
HANDLING INSTRUCTIONS
PICK AND PLACE EQUIPMENT
The MEMS microphone can be handled using standard pick-and-place and chip shooting equipment. Take care to avoid damage to the
MEMS microphone structure as follows:
•
Use a standard pickup tool to handle the microphone. Because the microphone hole is on the bottom of the package, the
pickup tool can make contact with any part of the lid surface.
•
Do not pick up the microphone with a vacuum tool that makes contact with the bottom side of the microphone.
Do not pull air out of or blow air into the microphone port.
•
Do not use excessive force to place the microphone on the PCB.
REFLOW SOLDER
For best results, the soldering profile must be in accordance with the recommendations of the manufacturer of the solder paste used to
attach the MEMS microphone to the PCB. It is recommended that the solder reflow profile not exceed the limit conditions specified
in Figure 1 and Table 3.
BOARD WASH
When washing the PCB, ensure that water does not make contact with the microphone port. Do not use blow-off procedures or
ultrasonic cleaning.
Page 11 of 13
Document Number: DS-INMP405-00
Revision: 1.0.
Rev Date: 02/06/2014



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13