| データシートサーチシステム |
|
INMP504ACEZ-R7 データシート(PDF) 3 Page - TDK Electronics |
|
|
|||||||||||||||||||||||||||||
INMP504ACEZ-R7 データシート(HTML) 3 Page - TDK Electronics |
|
3 / 13 page ![]() INMP504 SPECIFICATIONS TABLE 1. ELECTRICAL CHARACTERISTICS (TA = −40 to 85°C, VDD = 1.6 to 3.3 V, unless otherwise noted. All minimum and maximum specifications are guaranteed across temperature and voltage, and are specified in Table 1, unless otherwise noted. Typical specifications are not guaranteed.) PARAMETER CONDITIONS MIN TYP MAX UNITS NOTES PERFORMANCE Directionality Omni Sensitivity 1 kHz, 94 dB SPL −41 −38 −35 dBV Signal-to-Noise Ratio (SNR) 65 dBA Equivalent Input Noise (EIN) 29 dBA SPL Dynamic Range Derived from EIN and maximum acoustic input 91 dB Frequency Response Low frequency −3 dB point 100 Hz 1 High frequency −3 dB point >20 kHz Total Harmonic Distortion (THD) 105 dB SPL 3 % Power-Supply Rejection (PSR) 217 Hz, 100 mVp-p square wave superimposed on VDD = 1.8 V −70 dBFS Maximum Acoustic Input Peak 120 dB SPL POWER SUPPLY Supply Voltage (VDD) 1.6 3.3 V Supply Current (IS) VDD = 1.8 V 180 200 µA VDD = 3.3 V 200 225 µA OUTPUT CHARACTERISTICS Output Impedance (ZOUT) 200 Ω Output DC Offset 0.8 V Output Current Limit 90 µA Maximum Output Voltage 120 dB SPL input, peak 0.35 VPEAK Noise Floor 20 Hz to 20 kHz, A-weighted, rms −103 dBV Note 1: See Figures 3 and 5. Page 3 of 13 Document Number: DS-INMP504-00 Revision: 1.0. |