| データシートサーチシステム |
|
CPL-6-50TR-R データシート(PDF) 2 Page - Eaton All Rights Reserved. |
|
|
|||||||||||||||||||||||||||||
CPL-6-50TR-R データシート(HTML) 2 Page - Eaton All Rights Reserved. |
|
2 / 6 page ![]() 2 Technical Data 4362 Effective December 2015 CPL,CPLA, and CPLE Multi-phase power inductors www.eaton.com/elx Product Specifications Function Specifications Test Specifications Part Number4,5 Inductor phases DCR (Ω) Nom. @25°C DCR (Ω) Max. @25°C Rated Inductance per Phase3 (nH) I Rated per Phase3 (ADC) Pin numbers OCL1,2 (nH) Pin numbers OCL1,2 (nH) Magnetizing Inductance2 (nH) @ 5ADC (25°C) CPL Family—Standard CPL-2-50TR-R 2 0.0005 0.0006 50 ± 20% 40 (1-2) 365 ±18% (3-4) 365 ±18% 300 CPL-3-50TR-R 3 0.0005 0.0006 50 ± 20% 40 (3-4) 490 ±20% (1-2), (5-6) 365 ±18% 400 CPL-4-50TR-R 4 0.0005 0.0006 50 ± 20% 40 (3-4), (5-6) 490 ±20% (1-2), (7-8) 365 ±18% 400 CPL-5-50TR-R 5 0.0005 0.0006 50 ± 20% 40 (3-4), (5-6), (7-8) 490 ±20% (1-2), (9-10) 365 ±18% 400 CPL-6-50TR-R 6 0.0005 0.0006 50 ± 20% 40 (3-4), (5-6), (7-8), (9-10) 490 ±20% (1-2), (11- 12) 365 ±18% 400 CPLA Family—Acoustic Noise Dampening CPLA-2-50TR-R 2 0.0005 0.0006 50 ± 20% 40 (1-2) 365 ±18% (3-4) 365 ±18% 300 CPLA-3-50TR-R 3 0.0005 0.0006 50 ± 20% 40 (3-4) 490 ±20% (1-2), (5-6) 365 ±18% 400 CPLA-4-50TR-R 4 0.0005 0.0006 50 ± 20% 40 (3-4), (5-6) 490 ±20% (1-2), (7-8) 365 ±18% 400 CPLA-5-50TR-R 5 0.0005 0.0006 50 ± 20% 40 (3-4), (5-6), (7-8) 490 ±20% (1-2), (9-10) 365 ±18% 400 CPLE Family—Low Core Loss for Light Load Efficiency CPLE-2-50TR-R 2 0.0005 0.0006 50 ± 20% 40 (1-2) 365 ±18% (3-4) 365 ±18% 300 CPLE-3-50TR-R 3 0.0005 0.0006 50 ± 20% 40 (3-4) 490 ±20% (1-2), (5-6) 365 ±18% 400 CPLE-4-50TR-R 4 0.0005 0.0006 50 ± 20% 40 (3-4), (5-6) 490 ±20% (1-2), (7-8) 365 ±18% 400 CPLE-5-50TR-R 5 0.0005 0.0006 50 ± 20% 40 (3-4), (5-6), (7-8) 490 ±20% (1-2), (9-10) 365 ±18% 400 1. OCL (Open Circuit Inductance) 2. Test parameters: 1MHz, 0.1Vrms, 0.0Adc. @25°C 3. The rated current and rated inductance per phase is determined by Volterra’s testing and circuit design. Additional information can be provided by contacting Volterra. 4. Part Number Definition: CPLx-y-50TR-R-50TR-R • CPLx= Product code and size - CPL (standard)/CPLA (acoustic dampening)/CPLE (low core loss) • -y= number of phases • -50 = rated inductance value per phase in nH • TR= Tape and reel • -R suffix= RoHS compliant 5. This device is licensed for use only when incorporated within a voltage regulator employing power regulating devices manufactured by Volterra Semiconductor, LLC or Maxim Integrated Devices, Inc. No license is granted expressly or by implication to use this device with power regulating devices manufactured by any company other than Volterra or Maxim. |