| データシートサーチシステム |
|
CTX20-10-52LP-R データシート(PDF) 3 Page - Eaton All Rights Reserved. |
|
|
|||||||||||||||||||||||||||||
CTX20-10-52LP-R データシート(HTML) 3 Page - Eaton All Rights Reserved. |
|
3 / 6 page ![]() 3 Technical Data 4304 Effective July 2017 www.eaton.com/electronics LCPI Toroid power inductors Dimensions- mm Vertical and Horizontal Self Leaded Mounting Options V Ve errttiic ca all P P//N N H Ho orriizzo on ntta all P P//N N O OD D IID D H Htt X X Y Y T T H H S Se ee e F Fiig gu urre e 1 1 S Se ee e F Fiig gu urre e 2 2 ((m ma ax x)) ((tty yp p)) ((m ma ax x)) ((tty yp p)) ((tty yp p)) ((tty yp p)) ((tty yp p)) CTX10-1-52-R CTX10-1-52LP-R 8.6 0.0 4.7 3.8 7.3 0.42 0.67 CTX20-1-52-R CTX20-1-52LP-R 9.1 0.0 6.7 5.6 7.4 0.37 0.62 CTX50-1-52-R CTX50-1-52LP-R 16.2 4.2 9.0 7.5 13.7 0.58 0.83 CTX100-1-52-R CTX100-1-52LP-R 15.5 4.2 12.4 10.7 13.7 0.58 0.83 CTX150-1-52-R CTX150-1-52LP-R 20.7 6.6 9.4 7.8 18.8 0.52 0.77 CTX250-1-52-R CTX250-1-52LP-R 20.9 6.0 13.0 11.0 18.8 0.52 0.77 CTX500-1-52-R CTX500-1-52LP-R 24.0 9.0 15.3 14.0 21.2 0.52 0.77 CTX750-1-52-R CTX750-1-52LP-R 29.8 11.7 17.4 15.6 28.2 0.52 0.77 CTX1000-1-52-R CTX1000-1-52LP-R 29.8 11.7 17.1 15.5 28.0 0.46 0.71 CTX10-2-52-R CTX10-2-52LP-R 12.7 0.0 7.8 6.3 11.0 0.71 0.96 CTX20-2-52-R CTX20-2-52LP-R 12.5 0.0 7.5 6.3 11.0 0.58 0.83 CTX50-2-52-R CTX50-2-52LP-R 21.6 6.1 13.6 11.0 19.5 0.89 1.14 CTX100-2-52-R CTX100-2-52LP-R 24.0 8.8 16.6 13.9 21.8 0.89 1.14 CTX150-2-52-R CTX150-2-52LP-R 30.6 11.2 11.4 9.3 28.5 0.80 1.05 CTX250-2-52-R CTX250-2-52LP-R 31.2 9.1 19.0 15.7 28.5 0.89 1.14 CTX500-2-52-R CTX500-2-52LP-R 36.7 11.7 14.8 12.5 34.5 0.71 0.96 CTX750-2-52-R CTX750-2-52LP-R 43.3 19.9 18.2 15.8 41.5 0.80 1.05 CTX10-5-52-R CTX10-5-52LP-R 22.2 5.4 13.9 11.5 19.9 1.11 1.36 CTX20-5-52-R CTX20-5-52LP-R 24.5 8.8 16.6 14.5 22.0 0.89 1.14 CTX50-5-52-R CTX50-5-52LP-R 32.3 10.1 18.9 16.5 28.8 1.11 1.36 CTX100-5-52-R CTX100-5-52LP-R 37.8 11.2 16.8 13.6 35.5 1.24 1.49 CTX150-5-52-R CTX150-5-52LP-R 46.4 18.8 19.8 16.8 43.4 1.24 1.49 CTX250-5-52-R CTX250-5-52LP-R 53.7 18.8 24.3 20.1 49.4 1.38 1.63 CTX10-7-52-R CTX10-7-52LP-R 25.7 6.5 18.0 16.0 22.4 1.38 1.63 CTX20-7-52-R CTX20-7-52LP-R 32.4 8.5 19.8 16.8 29.2 1.38 1.63 CTX50-7-52-R CTX50-7-52LP-R 39.0 10.8 16.8 13.9 35.7 1.38 1.63 CTX100-7-52-R CTX100-7-52LP-R 48.5 17.1 21.8 17.2 43.4 1.73 1.98 CTX150-7-52-R CTX150-7-52LP-R 54.5 17.1 25.4 21.2 50.9 1.73 1.98 CTX10-10-52-R CTX10-10-52LP-R 34.0 7.0 21.4 17.0 29.6 1.73 1.98 CTX20-10-52-R CTX20-10-52LP-R 40.5 9.0 18.0 14.3 35.2 1.73 1.98 CTX50-10-52-R CTX50-10-52LP-R 47.5 17.1 21.3 17.5 42.8 1.73 1.98 CTX100-10-52-R CTX100-10-52LP-R 57.0 15.0 27.5 21.3 50.6 2.15 2.45 CTX10-16-52-R CTX10-16-52LP-R 50.3 13.0 24.0 18.6 43.0 2.41 2.70 CTX20-16-52-R CTX20-16-52LP-R 59.0 13.0 28.0 23.0 50.7 2.69 2.99 Note: All dimensions are in millimeters. Ht Ht T dia. T dia. (ty (typ p..)) T dia. T dia. 10.0 +/- 3 10.0 +/- 3 Ht Ht X X 10.0 +/- 3 10.0 +/- 3 OD OD OD OD ID ID ID ID Y Y (ty (typ p..)) H dia H dia (ty (typ p..)) H dia. H dia. VERTICAL SELF LEADED MOUNT HORIZONTAL SELF LEADED MOUNT Drawings are not to scale. FIGURE 1 FIGURE 2 |