| データシートサーチシステム |
|
CTX750-2-52M-R データシート(PDF) 2 Page - Eaton All Rights Reserved. |
|
|
|||||||||||||||||||||||||||||
CTX750-2-52M-R データシート(HTML) 2 Page - Eaton All Rights Reserved. |
|
2 / 6 page ![]() 2 Technical Data 4304 Effective July 2017 LCPI Toroid power inductors www.eaton.com/electronics Product Specifications V Ve errttiic ca all H Ho orriizzo on ntta all H He ea ad de err M Mo ou un ntte ed d O OC CL L((11)) II D DC C ((2 2)) II SSAATT((33)) V Vo olltt--µ µ sec(4) E En ne errg gy y((55)) D DC CR R (( Ω Ω))((66)) P Pa arrtt N Nu um mb be err P Pa arrtt N Nu um mb be err P Pa arrtt N Nu um mb be err µ µH H + +//-- 2 20 0% % V Vµ µ s µ µJ J m ma ax x CTX10-1-52-R CTX10-1-52LP-R CTX10-1-52M-R 10.14 2.4 2.1 5.4 15 0.0481 CTX20-1-52-R CTX20-1-52LP-R CTX20-1-52M-R 20.22 1.8 2.2 7.8 36 0.0829 CTX50-1-52-R CTX50-1-52LP-R CTX50-1-52M-R 50.29 2.6 2.7 16.3 130 0.0715 CTX100-1-52-R CTX100-1-52LP-R CTX100-1-52M-R 100.40 2.5 2.4 27.5 197 0.1060 CTX150-1-52-R CTX150-1-52LP-R CTX150-1-52M-R 151.70 2.1 2.3 35.7 283 0.1620 CTX250-1-52-R CTX250-1-52LP-R CTX250-1-52M-R 250.90 1.9 2.2 47.8 421 0.2210 CTX500-1-52-R CTX500-1-52LP-R CTX500-1-52M-R 505.00 1.7 1.9 77.9 645 0.3610 CTX750-1-52-R CTX750-1-52LP-R CTX750-1-52M-R 754.40 1.8 2.4 114.3 1530 0.4340 CTX1000-1-52-R CTX1000-1-52LPR CTX1000-1-52M-R 1004.00 1.5 2.1 131.9 1530 0.6380 CTX10-2-52-R CTX10-2-52LP-R CTX10-2-52M-R 9.60 4.7 4.5 6.6 68 0.0183 CTX20-2-52-R CTX20-2-52LP-R CTX20-2-52M-R 19.60 3.2 3.2 9.4 69 0.0392 CTX50-2-52-R CTX50-2-52LP-R CTX50-2-52M-R 50.00 4.9 4.9 21.3 420 0.0326 CTX100-2-52-R CTX100-2-52LP-R CTX100-2-52M-R 101.70 4.4 4.3 35.0 643 0.0534 CTX150-2-52-R CTX150-2-52LP-R CTX150-2-52M-R 148.00 4.3 4.0 47.6 829 0.0719 CTX250-2-52-R CTX250-2-52LP-R CTX250-2-52M-R 251.10 4.2 4.2 66.0 1540 0.0833 CTX500-2-52-R CTX500-2-52LP-R CTX500-2-52M-R 499.40 3.1 3.3 104.0 1890 0.1830 CTX750-2-52-R CTX750-2-52LP-R CTX750-2-52M-R 749.30 3.4 3.4 147.3 2960 0.2080 CTX10-5-52-R CTX10-5-52LP-R CTX10-5-52M-R 9.68 8.7 11.1 9.4 417 0.0104 CTX20-5-52-R CTX20-5-52LP-R CTX20-5-52M-R 21.25 7.8 9.3 16.0 643 0.0260 CTX50-5-52-R CTX50-5-52LP-R CTX50-5-52M-R 49.60 7.6 9.4 29.3 1530 0.0248 CTX100-5-52-R CTX100-5-52LP-R CTX100-5-52M-R 97.20 8.2 7.5 45.7 1890 0.0267 CTX150-5-52-R CTX150-5-52LP-R CTX150-5-52M-R 150.60 7.7 7.5 66.0 2960 0.0401 CTX250-5-52-R CTX250-5-52LP-R 254.40 9.2 8.1 102.4 5860 0.0400 CTX10-7-52-R CTX10-7-52LP-R CTX10-7-52M-R 10.04 11.4 13.5 11.0 640 0.0080 CTX20-7-52-R CTX20-7-52LP-R CTX20-7-52M-R 20.96 11.4 14.5 19.1 1540 0.0110 CTX50-7-52-R CTX50-7-52LP-R CTX50-7-52M-R 52.27 10.5 10.2 33.5 1900 0.0163 CTX100-7-52-R CTX100-7-52LP-R 101.40 12.0 9.1 54.2 2960 0.0167 CTX150-7-52-R CTX150-7-52LP-R 152.80 12.8 10.5 79.3 5900 0.0204 CTX10-10-52-R CTX10-10-52LP-R 10.04 16.9 20.9 13.2 1530 0.0051 CTX20-10-52-R CTX20-10-52LP-R 21.17 16.0 16.0 21.3 1900 0.0070 CTX50-10-52-R CTX50-10-52LP-R 52.37 13.9 12.7 38.9 2960 0.0124 CTX100-10-52-R CTX100-10-52LPR 99.38 17.6 13.0 64.0 5880 0.0109 CTX10-16-52-R CTX10-16-52LP-R 9.90 27.3 29.3 16.9 2970 0.0032 CTX20-16-52-R CTX20-16-52LP-R 19.24 31.5 29.5 28.1 5860 0.0034 Notes: (1) Open circuit inductance test parameters: 100 kHz, 0.250 Vrms, 0 Adc. (2) DC current for an approximate ∆T of 30 °C at +75 °C Ambient with no core loss. See Chart 2 for derating of IIdc with core loss. (3) Peak current for an approximate 30% roll-off in OCL. For other current levels see Chart 1. (4) Applied Volt-Time product (Vµs) across the inductor. This value represents the Vµs at 100 kHz necessary to generate a core loss equal to 10% of the total losses for 30°C rise. For other frequencies and operating levels see Chart 2. (Note: skin effect losses not included.) (5) Energy storage (µJ) at ISAT. For other current levels see Chart 1. (6) Maximum D.C. resistance at +20 °C. (A) (A) |