データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

FP5502 データシート(PDF) 2 Page - Fitipower Integrated Technology Inc.

部品番号 FP5502
部品情報  Low-saturation, Low-voltage 1 channels Bi-directional Motor Driver (Micro-actuator Driver)
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  FITIPOWER [Fitipower Integrated Technology Inc.]
ホームページ  http://www.fitipower.com/en_US/index.asp
Logo FITIPOWER - Fitipower Integrated Technology Inc.

FP5502 データシート(HTML) 2 Page - Fitipower Integrated Technology Inc.

  FP5502 Datasheet HTML 1Page - Fitipower Integrated Technology Inc. FP5502 Datasheet HTML 2Page - Fitipower Integrated Technology Inc. FP5502 Datasheet HTML 3Page - Fitipower Integrated Technology Inc. FP5502 Datasheet HTML 4Page - Fitipower Integrated Technology Inc. FP5502 Datasheet HTML 5Page - Fitipower Integrated Technology Inc. FP5502 Datasheet HTML 6Page - Fitipower Integrated Technology Inc. FP5502 Datasheet HTML 7Page - Fitipower Integrated Technology Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
2
FP5502-1.7-FEB-2014
FP5502
fitipower integrated technology lnc.
Block Diagram & Application Circuit
Shutter Application:
CPU
VP1
VP2
VSS
VO1
VO2
VDD
10μF/10V
M1
Control
Block
Figure 2. The Block Diagram and Application Circuit of the FP5502
Functional Pin Description
Pin Name
Pin Function
VP2
Input pin which determines driving mode.
VDD
Power supply pin.
VO2
Output sinking / driving pin.
VSS
Ground pin.
VO1
Output sinking / driving pin.
VP1
Input pin which determines driving mode.
Block Diagram
VDD
Control
Block
VP1
VP2
VSS
VO1
VO2
Figure 3. The Block Diagram of the FP5502



Html Pages

1 2 3 4 5 6 7