データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

HCM1A1305-330-R データシート(PDF) 1 Page - Eaton All Rights Reserved.

部品番号 HCM1A1305-330-R
部品情報  Automotive grade High current power inductors
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  EATON [Eaton All Rights Reserved.]
ホームページ  https://www.eaton.com
Logo EATON - Eaton All Rights Reserved.

HCM1A1305-330-R データシート(HTML) 1 Page - Eaton All Rights Reserved.

  HCM1A1305-330-R Datasheet HTML 1Page - Eaton All Rights Reserved. HCM1A1305-330-R Datasheet HTML 2Page - Eaton All Rights Reserved. HCM1A1305-330-R Datasheet HTML 3Page - Eaton All Rights Reserved. HCM1A1305-330-R Datasheet HTML 4Page - Eaton All Rights Reserved. HCM1A1305-330-R Datasheet HTML 5Page - Eaton All Rights Reserved. HCM1A1305-330-R Datasheet HTML 6Page - Eaton All Rights Reserved. HCM1A1305-330-R Datasheet HTML 7Page - Eaton All Rights Reserved. HCM1A1305-330-R Datasheet HTML 8Page - Eaton All Rights Reserved. HCM1A1305-330-R Datasheet HTML 9Page - Eaton All Rights Reserved. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
Technical Data 10551
Effective September 2016
HCM1A1305
Automotive grade
High current power inductors
Product features
•
AEC-Q200 Grade 1 qualified
•
High current carrying capacity
•
Magnetically shielded, low EMI
•
Frequency range up to 1 MHz
•
Inductance range from 0.1 μH to 33 μH
•
Current range from 3.5 A to 80 A
•
13.8 mm x 12.5 mm footprint surface mount
package in a 5.0 mm height
•
Moisture Sensitivity Level (MSL): 1
•
Alloy powder core material
•
Halogen free, lead free, RoHS compliant
Applications
•
Body electronics
•
Central body control module
•
Headlamps, tail lamps and interior lighting
•
Heating ventilation and air conditioning
controllers (HVAC)
•
Doors, window lift and seat control
•
Advanced driver assistance systems
•
Adaptive cruise control (ACC)
•
Automatic parking control
•
Collision avoidance system/ Car black
box system
•
Infotainment and cluster electronics
•
Audio subsystem: head unit and trunk amp
•
Digital instrument cluster
•
In-vehicle infotainment (IVI) and navigation
•
Chassis and safety electronics
•
Airbag control unit
•
Electronic stability control system (ESC)
•
Electric parking brake
•
Electronic Power Steering (EPS)
•
Engine and Powertrain Systems
•
Electric pumps, motor control and auxiliaries
•
Powertrain control module (PCU)/Engine
Control unit (ECU)
•
Transmission Control Unit (TCU)
Environmental Data
•
Storage temperature range (Component):
-55 °C to +155 °C
•
Operating temperature range: -55 °C to +155 °C
(ambient plus self-temperature rise)
•
Solder reflow temperature:
J-STD-020 (latest revision) compliant
Pb
HALOGEN
HF
FREE


同様の部品番号 - HCM1A1305-330-R

メーカー部品番号データシート部品情報
logo
Eaton All Rights Reserv...
HCM1A1307 EATON-HCM1A1307 Datasheet
688Kb / 11P
Automotive grade High current power inductors
HCM1A1307-100-R EATON-HCM1A1307-100-R Datasheet
688Kb / 11P
Automotive grade High current power inductors
HCM1A1307-120-R EATON-HCM1A1307-120-R Datasheet
688Kb / 11P
Automotive grade High current power inductors
HCM1A1307-150-R EATON-HCM1A1307-150-R Datasheet
688Kb / 11P
Automotive grade High current power inductors
HCM1A1307-1R0-R EATON-HCM1A1307-1R0-R Datasheet
688Kb / 11P
Automotive grade High current power inductors
More results

同様の説明 - HCM1A1305-330-R

メーカー部品番号データシート部品情報
logo
Eaton All Rights Reserv...
HCM1A0503 EATON-HCM1A0503 Datasheet
642Kb / 9P
Automotive grade High current power inductors
HCM1A0703 EATON-HCM1A0703 Datasheet
599Kb / 11P
Automotive grade High current power inductors
HCM1A1104 EATON-HCM1A1104 Datasheet
566Kb / 11P
Automotive grade High current power inductors
HCM1A1307 EATON-HCM1A1307 Datasheet
688Kb / 11P
Automotive grade High current power inductors
HCMA0503 EATON-HCMA0503 Datasheet
432Kb / 7P
Automotive grade High current power inductors
HCMA0703 EATON-HCMA0703 Datasheet
393Kb / 8P
Automotive grade High current power inductors
HCMA1104 EATON-HCMA1104 Datasheet
350Kb / 7P
Automotive grade High current power inductors
HCMA1305 EATON-HCMA1305 Datasheet
691Kb / 9P
Automotive grade High current power inductors
HCMA1707 EATON-HCMA1707 Datasheet
558Kb / 7P
Automotive grade High current power inductors
HCM1A0805 EATON-HCM1A0805 Datasheet
456Kb / 6P
Automotive grade High current power inductors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


データシート ダウンロード

Go To PDF Page


リンク URL



ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   データシートへのリンク    |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com