データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

FP613215VB3PTR データシート(PDF) 8 Page - Fitipower Integrated Technology Inc.

部品番号 FP613215VB3PTR
部品情報  600mA Low Dropout Linear Regulator
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  FITIPOWER [Fitipower Integrated Technology Inc.]
ホームページ  http://www.fitipower.com/en_US/index.asp
Logo FITIPOWER - Fitipower Integrated Technology Inc.

FP613215VB3PTR データシート(HTML) 8 Page - Fitipower Integrated Technology Inc.

  FP613215VB3PTR Datasheet HTML 1Page - Fitipower Integrated Technology Inc. FP613215VB3PTR Datasheet HTML 2Page - Fitipower Integrated Technology Inc. FP613215VB3PTR Datasheet HTML 3Page - Fitipower Integrated Technology Inc. FP613215VB3PTR Datasheet HTML 4Page - Fitipower Integrated Technology Inc. FP613215VB3PTR Datasheet HTML 5Page - Fitipower Integrated Technology Inc. FP613215VB3PTR Datasheet HTML 6Page - Fitipower Integrated Technology Inc. FP613215VB3PTR Datasheet HTML 7Page - Fitipower Integrated Technology Inc. FP613215VB3PTR Datasheet HTML 8Page - Fitipower Integrated Technology Inc. FP613215VB3PTR Datasheet HTML 9Page - Fitipower Integrated Technology Inc.  
Zoom Inzoom in Zoom Outzoom out
 8 / 9 page
background image
FP6132-1.9 -JAN-2011
8
FP6132
85T
fitipower integrated technology lnc.
Application Information
The FP6132 series are low dropout linear regulators
that could provide 600mA output current at dropout
voltage about 600mV.
Besides, current limit and on
chip thermal shutdown features provide protection
against any combination of overload or ambient
temperature that could exceed junction temperature.
Output and Input Capacitor
The FP6132 regulator is designed to be stable with a
wide range of output capacitors.
The ESR of the
output capacitor affects stability.
Larger value of the
output capacitor decreases the peak deviations and
provides to improve transition response for larger
current changes.
The
capacitor
types
(aluminum,
ceramic,
and
tantalum) have different characterizations such as
temperature and voltage coefficients.
All ceramic
capacitors are manufactured with a variety of
dielectrics, each with different behavior across
temperature and applications.
Common dielectrics
used are X5R, X7R and Y5V.
It is recommended to
use 1
μF to 10μF X5R or X7R dielectric ceramic
capacitors with 30m
 to 50m ESR range between
device outputs to ground for transient stability.
The
FP6132 is designed to be stable with low ESR
ceramic capacitors and higher values of capacitors
and ESR could improve output stability.
So the ESR of output capacitor is very important
because it generates a zero to provide phase lead
for loop stability.
There are no requirements for the ESR on the input
capacitor, but its voltage and temperature coefficient
have to be considered for device application
environment.
Protection Features
In order to prevent overloading or thermal condition
from damaging device, FP6132 regulator has
internal thermal and current limiting functions
designed to protect the device.
It will rapidly shut
off PMOS pass element during over temperature
condition.
Thermal Consideration
The power handling capability of the device will be
limited by allowable operation junction temperature
(125
C). The power dissipated by the device will
be estimated by PD = IOUT  (VIN-VOUT).
The power
dissipation should be lower than the maximum
power dissipation listed in “Absolute Maximum
Ratings” section.



Html Pages

1 2 3 4 5 6 7 8 9


データシート ダウンロード

Go To PDF Page


リンク URL



ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   データシートへのリンク    |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com