| データシートサーチシステム |
|
FP6783 データシート(PDF) 6 Page - Fitipower Integrated Technology Inc. |
|
|
|||||||||||||||||||||||||||||
FP6783 データシート(HTML) 6 Page - Fitipower Integrated Technology Inc. |
|
6 / 11 page ![]() 6 FP6783-Preliminary 0.3-NOV-2012 FP6783 fitipower integrated technology lnc. Electrical Characteristics (VIN=2.5V to 5.5V, TA=-40 to 85°C, unless otherwise specified. Typical values are tested at 25°C ambient temperature, VIN=3.3V, VSUP=12V) Parameter Symbol Conditions Min Typ Max Unit Input Voltage Range VIN 2.5 - 5.5 V SUP Input Voltage Range VSUP 6 - 18 V VIN Under Voltage Lockout VUVLO Falling 2.05 2.15 2.25 V Rising 2.15 2.25 2.35 V VIN Operating Current IVIN VFB=1.5V, Not Switching - 0.56 0.8 mA VFB=1.1V, Switching - 5.6 10.0 mA Thermal Shutdown TSHDN - 150 - °C Reference Voltage Reference Voltage VREF IVREF =100μA 1.238 1.250 1.262 V Line Regulation VIN=2.5V to 5.5V, IVREF =100μA - 2 5 %/V Load Regulation IVREF =0~100μA - 1 5 %/mA Oscillator Oscillation Frequency FOSC 1.0 1.2 1.4 MHz Maximum Duty Cycle DMAX 86 90 94 % Error Amplifier (Channel 1) Feedback Voltage VFB 1.238 1.250 1.262 V Input Bias Current IFB VFB=1V to 1.5V -40 0 40 nA Feedback-Voltage Line Regulation VRI Level to produce VCOMP=1.25V 2.5V<VIN<5.5V - 0.05 0.15 %/V Transconductance GM △ I=5μA - 105 - μA/V Voltage Gain AV - 1500 - V/V N-MOS Switch (Channel 1) Current Limit ILIM 4.0 4.5 - A On-Resistance RON ISW=1.0A - 0.15 0.20 Ω Leakage Current ISWOFF VSW=12V - 1 20 μA Charge Pump (Channel 2 and Channel 3) SUP Input Supply Range VH 6 - 18 V SUP Over Voltage Protect VOVP - 18 20 V Charge Pump Frequency FOSCP 500 600 700 KHz FBN Threshold Voltage VFBN 235 250 265 mV FBN Input Bias Current IFBN VFBN=-0.25V to 0.25V -40 0 40 nA |