データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

1A1907-03-R データシート(PDF) 4 Page - Eaton All Rights Reserved.

部品番号 1A1907-03-R
部品情報  PCB Fuse-clips for ATC/ATM Blade, 5 mm
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  EATON [Eaton All Rights Reserved.]
ホームページ  https://www.eaton.com
Logo EATON - Eaton All Rights Reserved.

1A1907-03-R データシート(HTML) 4 Page - Eaton All Rights Reserved.

  1A1907-03-R Datasheet HTML 1Page - Eaton All Rights Reserved. 1A1907-03-R Datasheet HTML 2Page - Eaton All Rights Reserved. 1A1907-03-R Datasheet HTML 3Page - Eaton All Rights Reserved. 1A1907-03-R Datasheet HTML 4Page - Eaton All Rights Reserved.  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
Eaton
Electronics Division
1000 Eaton Boulevard
Cleveland, OH 44122
United States
www.eaton.com/electronics
© 2018 Eaton
All Rights Reserved
Printed in USA
Publication No. 2131 BU-SB14048
February 2018
Eaton is a registered trademark.
All other trademarks are property
of their respective owners.
1AXXXX
PCB Fuse-clips for ATC/ATM Blade, 5 mm, 1/4” & 13/32” diameter fuses
Technical Data
2131
Effective February 2018
Life Support Policy: Eaton does not authorize the use of any of its products for use in life support devices or systems without the express written
approval of an officer of the Company. Life support systems are devices which support or sustain life, and whose failure to perform, when properly
used in accordance with instructions for use provided in the labeling, can be reasonably expected to result in significant injury to the user.
Eaton reserves the right, without notice, to change design or construction of any products and to discontinue or limit distribution of any products. Eaton also
reserves the right to change or update, without notice, any technical information contained in this bulletin.
Dimensions
A
ATC
ATM
Catalog 7/8”
1”
11/4”
B
C
Board
Number (22.2mm) (25.4mm) (31.8mm)
3
/81”11/2”
(34.93mm) (38.10mm) 20mm
—
—
Tabs
(4 holes)
Thickness
1A5778- ————
—
—
—
0.464”
0.144”
0.065”±0.002” 0.062”
(11.79)
(3.66)
(1.65±0.05)
(1.57)
1A5779- ————
—
—
—
0.464”
0.144”
0.065”±.002”
0.062”
(11.79)
(3.66)
(1.65±.05)
(1.57)
1A5780-
—
———
—
—
0.560
—
0.200”
0.100”±0.002” 0.062”
(14.22)
(5.08)
(2.54±0.05)
(1.57)
1A3398- 1.00”
1.125”
1.375”
—
—
—
—
—
0.295”-0.305”
0.067”-.070”
0.093”
1A1907- (25.40)
(28.58)
(34.920)
(7.49-7.75)
(1.70-1.78)
(2.36)
1A1119- 1.00”
1.125”
1.375”
—
—
—
—
—
0.295”-0.305”
0.093”±0.002” 0.062” to 0.125”
(25.40)
(28.58)
(34.92)
(7.49-7.75)
(2.36±0.05)
(1.57to3.18)
1A1120- 1.00”
1.125”
1.375”
—
—
—
—
—
0.295”-0.305”
0.093”±0.002” 0.062” to 0.125”
(25.40)
(28.58)
(34.920)
(7.49-7.75)
(2.36±0.05)
(1.57 to 3.18)
1A3399-
—
———
—
0.875”
—
—
0.200”
0.067”-.070”
093”
(22.23)
(5.08)
(1.70-1.78)
(2.36)
1A3400- ———
1.50”
1.625”—
——
0.405”
0.091”-.095”
0.125”
(38.10)
(41.28)
(10.29)
(2.31-2.41)
(3.18)
1A4533- 1.00”
1.125”
1.375”
——
—
—
—
0.300”
0.067”-.070”
0.062”
(25.40)
(28.58)
(34.920)
(7.62)
(1.70-1.78)
(1.57)
1A4534- 1.00”
1.125”
1.375”
——
—
—
—
0.300”
0.067”-.070”
0.062”
(25.40)
(28.58)
(34.920)
(7.62)
(1.70-1.78)
(1.57)
1A5018- ————
—
0.820”±0.015” ——
0.180”
0.053”-.002”
0.093”
(20.80±0.38)
(4.6)
(1.35-0.05)
(2.36)
1A5600- ————
—
—
—
—
0.200”
0.062”±0.003” 0.125”max.
(5.08)
(1.57±0.077)
(3.18)
1A5601- ——
——
—
0.820”±0.015”
—
—
0.266”
0.067”±0.003” 0.062”
(20.80±0.38)
(6.76)
(1.70±0.074)
(1.57)
1A5602-
—
———
—
—
—
—
0.220”
0.125”max.
(5.588)
(3.175)
Fuseclip Catalog Numbers
Recommended Pad Layout Dimensions - in (mm)
A
B
B
C



Html Pages

1 2 3 4


データシート ダウンロード

Go To PDF Page


リンク URL



ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   データシートへのリンク    |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com