データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

FP6863 データシート(PDF) 10 Page - Fitipower Integrated Technology Inc.

部品番号 FP6863
部品情報  Slew Rate Limited Load Switch
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  FITIPOWER [Fitipower Integrated Technology Inc.]
ホームページ  http://www.fitipower.com/en_US/index.asp
Logo FITIPOWER - Fitipower Integrated Technology Inc.

FP6863 データシート(HTML) 10 Page - Fitipower Integrated Technology Inc.

Back Button FP6863 Datasheet HTML 2Page - Fitipower Integrated Technology Inc. FP6863 Datasheet HTML 3Page - Fitipower Integrated Technology Inc. FP6863 Datasheet HTML 4Page - Fitipower Integrated Technology Inc. FP6863 Datasheet HTML 5Page - Fitipower Integrated Technology Inc. FP6863 Datasheet HTML 6Page - Fitipower Integrated Technology Inc. FP6863 Datasheet HTML 7Page - Fitipower Integrated Technology Inc. FP6863 Datasheet HTML 8Page - Fitipower Integrated Technology Inc. FP6863 Datasheet HTML 9Page - Fitipower Integrated Technology Inc. FP6863 Datasheet HTML 10Page - Fitipower Integrated Technology Inc.  
Zoom Inzoom in Zoom Outzoom out
 10 / 10 page
background image
10
FP6863-1.2-FEB-2012
FP6863
85T
fitipower integrated technology lnc.
Outline Information (Continued)
SOT-23-5 Package (Unit: mm)
SYMBOLS
UNIT
DIMENSION IN MILLIMETER
MIN
MAX
A
0.90
1.45
A1
0.00
0.15
A2
0.90
1.30
B
0.30
0.50
D
2.80
3.00
E
2.60
3.00
E1
1.50
1.70
e
0.90
1.00
e1
1.80
2.00
L
0.30
0.60
Note:Followed From JEDEC MO-178-C.
Carrier Dimensions
Life Support Policy
Fitipower’s products are not authorized for use as critical components in life support devices or other medical systems.



Html Pages

1 2 3 4 5 6 7 8 9 10