データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

FR9761 データシート(PDF) 10 Page - Fitipower Integrated Technology Inc.

部品番号 FR9761
部品情報  23V, 2A, 1.4MHz Asynchronous Step-Down DC/DC Converter
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  FITIPOWER [Fitipower Integrated Technology Inc.]
ホームページ  http://www.fitipower.com/en_US/index.asp
Logo FITIPOWER - Fitipower Integrated Technology Inc.

FR9761 データシート(HTML) 10 Page - Fitipower Integrated Technology Inc.

Back Button FR9761 Datasheet HTML 4Page - Fitipower Integrated Technology Inc. FR9761 Datasheet HTML 5Page - Fitipower Integrated Technology Inc. FR9761 Datasheet HTML 6Page - Fitipower Integrated Technology Inc. FR9761 Datasheet HTML 7Page - Fitipower Integrated Technology Inc. FR9761 Datasheet HTML 8Page - Fitipower Integrated Technology Inc. FR9761 Datasheet HTML 9Page - Fitipower Integrated Technology Inc. FR9761 Datasheet HTML 10Page - Fitipower Integrated Technology Inc. FR9761 Datasheet HTML 11Page - Fitipower Integrated Technology Inc. FR9761 Datasheet HTML 12Page - Fitipower Integrated Technology Inc.  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
10
FR9761-1.1-MAR-2012
FR9761
85T
fitipower integrated technology lnc.
Application Information
Output Voltage Setting
The output voltage VOUT is set by using a resistive
divider from the output to FB.
The FB pin regulated
voltage is 0.925V.
Thus the output voltage is:
VO T=0. 25
1
R1
R2
V
Table 1
Recommended Resistance Values
VOUT
R1
R2
12V
121
KΩ
10
KΩ
5V
44.2
KΩ
10
KΩ
3.3V
26.1
KΩ
10
KΩ
2.5
16.9
KΩ
10
KΩ
1.8V
9.53
KΩ
10
KΩ
Place resistors R1 and R2 close to FB pin to prevent
stray pickup.
Input Capacitor Selection
The use of the input capacitor is controlling the input
voltage ripple and the MOSFETS switching spike
voltage.
Because the input current to the step-down
converter is discontinuous, the input capacitor is
required to supply the current to the converter to keep
the DC input voltage.
The capacitor voltage rating
should be 1.25 to 1.5 times greater than the
maximum input voltage.
The input capacitor ripple
current RMS value is calculated as:
II (RMS =IO T
1
Where D is the duty cycle of the power MOSFET.
A low ESR capacitor is required to keep the noise
minimum.
Ceramic capacitors are better, but
tantalum or low ESR electrolytic capacitors may also
suffice.
When
using
tantalum
or
electrolytic
capacitors, a 0.1
μF ceramic capacitor should be
placed as close to the IC as possible.
Output Capacitor Selection
The output capacitor is used to keep the DC output
voltage and supply the load transient current.
Low
ESR capacitors are preferred.
Ceramic, tantalum
or low ESR electrolytic capacitors can be used
depending on the output ripple requirements.
Add
a 100
μF or 470μF Low ESR electrolytic capacitor
when operating in high input voltage range (VIN >
20V).
It can improve the device’s stability. The
output ripple voltage
ΔV
OUT is described as:
I=
VO T
FOSC
1
VO T
VI
VO T= I
R SR
1
FOSC CO T
Where ΔI is the peak-to-peak inductor ripple current,
FOSC is the switching frequency, L is the inductance
value, VIN is the input voltage, VOUT is the output
voltage, RESR is the equivalent series resistance
value of the output capacitor, and the COUT is the
output
capacitor.
When
using
the
ceramic
capacitors, the RESR can be ignored and the output
ripple voltage ΔV
OUT is shown as:
VO T=
I
FOSC CO T
When using tantalum or electrolytic capacitors,
typically 90% of the output voltage ripple is
contributed by the ESR of output capacitors.
The
output ripple voltage ΔVO T can be estimated as:
VO T= I R SR
Output Inductor Selection
The output inductor is used for storing energy and
filtering output ripple current.
But the trade-off
condition often happens between maximum energy
storage and the physical size of the inductor.
The
first consideration for selecting the output inductor is
to make sure that the inductance is large enough to
keep the converter in the continuous current mode.
That will lower ripple current and result in lower
output ripple voltage.
A good rule for determining
the inductance is setting the peak-to-peak inductor
ripple current ΔI almost equal to 30% of the
maximum
load
current.
Then
the
minimum
inductance can be calculated with the following
equation:



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


データシート ダウンロード

Go To PDF Page


リンク URL



ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   データシートへのリンク    |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com