| データシートサーチシステム |
|
MPC859TZP133 データシート(PDF) 82 Page - Freescale Semiconductor, Inc |
|
|
|||||||||||||||||||||||||||||
MPC859TZP133 データシート(HTML) 82 Page - Freescale Semiconductor, Inc |
|
82 / 92 page ![]() 82 MPC866/859 Hardware Specifications MOTOROLA Mechanical Data and Ordering Information Mechanical Data and Ordering Information PA0 CLK8 TOUT4 L1TCLKB U19 Bidirectional PB31 SPISEL REJECT1 C17 Bidirectional (Optional: Open-drain) PB30 SPICLK RSTRT2 C19 Bidirectional (Optional: Open-drain) PB29 SPIMOSI E16 Bidirectional (Optional: Open-drain) PB28 SPIMISO BRGO4 D19 Bidirectional (Optional: Open-drain) PB27 I2CSDA BRGO1 E19 Bidirectional (Optional: Open-drain) PB26 I2CSCL BRGO2 F19 Bidirectional (Optional: Open-drain) PB25 RXADDR32 SMTXD1 J16 Bidirectional (Optional: Open-drain) PB24 TXADDR32 SMRXD1 J18 Bidirectional (Optional: Open-drain) PB23 TXADDR22 SDACK1 SMSYN1 K17 Bidirectional (Optional: Open-drain) PB22 TXADDR42 SDACK2 SMSYN2 L19 Bidirectional (Optional: Open-drain) PB21 SMTXD2 L1CLKOB PHSEL1 1 TXADDR1 2 K16 Bidirectional (Optional: Open-drain) PB20 SMRXD2 L1CLKOA PHSEL01 TXADDR02 L16 Bidirectional (Optional: Open-drain) Table 39. Pin Assignments (continued) Name Pin Number Type Freescale Semiconductor, Inc. For More Information On This Product, Go to: www.freescale.com |