| データシートサーチシステム |
|
TDA9112A データシート(PDF) 39 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
TDA9112A データシート(HTML) 39 Page - STMicroelectronics |
|
39 / 60 page ![]() TDA9112A 39/60 Figure 10. Control of HOut and BOut at start/stop at nominal VCC Figure 11. Events triggering Soft start and Soft stop t Soft start Soft stop Normal operation Start H-drv Start B-drv Stop H-drv Stop B-drv H-duty cycle B-duty cycle 100% 0% (I²C) minimum value maximum value HPOS range V(HPosF) HOut BOut (positive) VHPosF VHOn VBOn VHBNorm t 100% 0% V(HPosF) τ τ HOut duty cycle BOut duty cycle VHBNorm VBOn VHOn NOMINAL VCC Soft start event t 100% 0% V(HPosF) τ HOut duty cycle BOut duty cycle FALLING VCC XRayAlarm=0 VCC VCCDis VHBNorm VBOn VHOn VCCStop VHPosF VHPosF maximum VCC fall down speed for correct operation VHBNorm’ VBOn’ VHOn’ HBOutEn=1 V[HPosF] V[HPosF] Soft stop event |