データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

L6710 データシート(PDF) 7 Page - STMicroelectronics

部品番号 L6710
部品情報  6 BIT PROGRAMMABLE DUAL-PHASE CONTROLLER WITH DYNAMIC VID MANAGEMENT
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6710 データシート(HTML) 7 Page - STMicroelectronics

Back Button L6710 Datasheet HTML 3Page - STMicroelectronics L6710 Datasheet HTML 4Page - STMicroelectronics L6710 Datasheet HTML 5Page - STMicroelectronics L6710 Datasheet HTML 6Page - STMicroelectronics L6710 Datasheet HTML 7Page - STMicroelectronics L6710 Datasheet HTML 8Page - STMicroelectronics L6710 Datasheet HTML 9Page - STMicroelectronics L6710 Datasheet HTML 10Page - STMicroelectronics L6710 Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 34 page
background image
7/34
L6710
Table 1. Voltage IDentification (VID) Codes.
(*) Since the VID pins program the maximum output voltage, according to VRD 10.0 specs, the device automatically regulate to a voltage
VID*=VID-25mV avoiding use of any external component to lower the regulated voltage.
VID5
VID4
VID3
VID2
VID1
VID0
Output
Voltage
(V) (*)
VID5
VID4
VID3
VID2
VID1
VID0
Output
Voltage
(V) (*)
0
010
10
0.8375
01
10
10
1.2125
1
010
01
0.8500
11
10
01
1.2250
0
010
01
0.8625
01
10
01
1.2375
1
010
00
0.8750
11
10
00
1.2500
0
010
00
0.8875
01
10
00
1.2625
1
001
11
0.9000
11
01
11
1.2750
0
001
11
0.9125
01
01
11
1.2875
1
001
10
0.9250
11
01
10
1.3000
0
001
10
0.9375
01
01
10
1.3125
1
001
01
0.9500
11
01
01
1.3250
0
001
01
0.9625
01
01
01
1.3375
1
001
00
0.9750
11
01
00
1.3500
0
001
00
0.9875
01
01
00
1.3625
1
000
11
1.0000
11
00
11
1.3750
0
000
11
1.0125
01
00
11
1.3875
1
000
10
1.0250
11
00
10
1.4000
0
000
10
1.0375
01
00
10
1.4125
1
000
01
1.0500
11
00
01
1.4250
0
000
01
1.0625
01
00
01
1.4375
1
000
00
1.0750
11
00
00
1.4500
0
000
00
1.0875
01
00
00
1.4625
1
111
11
OFF
10
11
11
1.4750
0
111
11
OFF
00
11
11
1.4875
1
111
10
1.1000
10
11
10
1.5000
0
111
10
1.1125
00
11
10
1.5125
1
111
01
1.1250
10
11
01
1.5250
0
111
01
1.1375
00
11
01
1.5375
1
111
00
1.1500
10
11
00
1.5500
0
111
00
1.1625
00
11
00
1.5625
1
110
11
1.1750
10
10
11
1.5750
0
110
11
1.1875
00
10
11
1.5875
1
110
10
1.2000
10
10
10
1.6000



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34