| データシートサーチシステム |
|
HEB-BW-RLC-B データシート(PDF) 4 Page - Eaton All Rights Reserved. |
|
|
|||||||||||||||||||||||||||||
HEB-BW-RLC-B データシート(HTML) 4 Page - Eaton All Rights Reserved. |
|
4 / 6 page ![]() 4 Technical Data 2127 Effective January 2019 Bussmann series HEB breakaway and non-breakaway in-line fuse holders for UL 13/32” x 1-1/2” supplemental fuses Eaton.com/bussmannseries Breakaway catalog number system HEB - A W - RYC Agency Info. Loadside terminal Lineside terminal Length A (ref.) Non- breakaway equivalent UL CSA Terminal type Wire range* Terminal type Wire range* HEB A RLC-A X X Cu crimp #8-16; (2) #12-16 Sol/Str Cu crimp #8-16; (2) #12-16 Sol/Str 5.8 (147) HEB-AA RLC-B X X Cu crimp #8-16; (2) #12-16 Sol/Str Cu crimp #6; (2) #10 5.9 (150) HEB-AB RLC-C X X Cu crimp #8-16; (2) #12-16 Sol/Str Cu crimp #4; (2) #8 6.2 (158) HEB-AC RLC-J X X Cu crimp #8-16; (2) #12-16 Sol/Str Cu setscrew #3-12 Str #10-12 Sol 6.2 (158) HEB-AJ RYC X X Cu crimp #8-16; (2) #12-16 Sol/Str Cu dual setscrew #2-12 Str†; #10-12 Sol† 6.3 (159) HEB-AK RLA — — Cu crimp #8-16; (2) #12-16 Sol/Str Al setscrew #2-12 6.2 (158) HEB-AL RYA — — Cu crimp #8-16; (2) #12-16 Sol/Str Al dual setscrew #2-12† 6.3 (159) HEB-AY B RLC-A X X Cu crimp #6; (2) #10 Cu crimp #8-16; (2) #12-16 5.8 (147) HEB-BA RLC-B X X Cu crimp #6; (2) #10 Cu crimp 6#; (2) #10 5.9 (150) HEB-BB RYC X X Cu crimp #6; (2) #10 Cu dual setscrew #2-12 Str†; #10-12 Sol† 6.3 (159) — J RLC-J X X Cu setscrew #3-12 Str; #10-12 Sol Cu setscrew #3-12 Str; #10-12 Sol 6.2 (158) HEB-JJ RYC X X Cu setscrew #3-12 Str; #10-12 Sol Cu dual setscrew #2-12 Str†; #10-12 Sol† 6.3 (159) HEB-JK K RLC-J X X Cu dual setscrew #2-12 Str†; #10-12 Sol† Cu setscrew #3-12 Str; #10-12 Sol 6.2 (158) — RYC X X Cu dual setscrew #2-12 Str†; #10-12 Sol† Cu dual setscrew #2-12 Str†; #10-12 Sol† 6.3 (159) — L RLA — — Al setscrew #2-12 Al setscrew #2-12 6.2 (158) HEB-LL RLC-J — — Al setscrew #2-12 Cu setscrew #3-12 6.2 (158) — RYA — — Al setscrew #2-12 Al dual setscrew #2-12† 6.3 (159) — * Stranded conductors unless otherwise noted. † Not dual wire rated. One wire per opening. Dimensions - in (mm): A 10.375 (263) Assembled length Breakaway To order: Specify catalog symbol HEB and the loadside terminal code plus the letter “W.” Then select a lineside terminal code that is available with the loadside terminal. Example: HEB-BW-RCL-B defines a breakaway holder with a loadside copper crimp terminal for a single #6 or two #10 wires with a lineside copper crimp terminal for a single #6 or two #10 wires. |