| データシートサーチシステム |
|
TP100DH12S15 データシート(PDF) 2 Page - Toppower Electronic Technology Limited |
|
|
|||||||||||||||||||||||||||||
TP100DH12S15 データシート(HTML) 2 Page - Toppower Electronic Technology Limited |
|
2 / 3 page ![]() TP100~150DH Series www.gztoppower.com TEL :0086-20-82019000 EMAIL :sales2@gztoppower.com page 2 of 3 Units: mm Tolerance: ± 0.2mm OUTPUT CHARACTERISTICS parameter Test conditions Min Typ Max Units Voltage accuracy Io=0.1 1.0 x Ionom Vi=Vi rated ±1 % Line regulation Vimin≤Vi≤Vimax ±0.2 % Load regulation Io=0.1 1.0 x Ionom ,Vimin≤ Vi≤Vimax ±0.5 % Auxiliary voltage accuracy Main Load and auxiliary load differ 25%,the auxiliary circuit of the load with at least 25%, the main circuit with full load ±3 % Ripple and noise 20MHz bandwidth 50 300 mV Transient recovery time 25% load changes ±5 % Transient overshoot time 25% load changes 400 us Switch frequency Vimin≤Vi≤Vimax 300 KHz INPUT CHARACTERISTICS parameter Test conditions Min Typ Max Units Voltage(2 :1) The12V input module 9 12 18 VDC Voltage(2 :1) The24V input module 18 24 36 VDC Voltage(4 :1) The24V input module 9 24 36 VDC Voltage(4 :1) The48V input module 18 48 72 VDC ENVIRONMENT CHARACTERISTICS parameter Test conditions Min Typ Max Units Storage Humidity Non condensing 5 +95 % Operating Temperature Power derating (above 71 ℃ -40 +85 ℃ Storage Temperature -55 +125 ℃ Max. Case Temperature Operating Temperature curve range -40 100 ℃ Lead Temperature 1.5mm from case for 10 seconds 300 ℃ Cooling Free air convection MECHANICAL DIMENSIONS PIN CONNECTIONS Pin Single output 1 -Vin 2 CASE 3 CTL 4 +Vin 5 +Vo 6 +S 7 TRIM 8 -S 9 -Vo Module in every environment temperature rating, case temperature under shall not exceed the maximum case temperature level. TOPPOWER |