| データシートサーチシステム |
|
HN58V65API-10 データシート(PDF) 4 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
HN58V65API-10 データシート(HTML) 4 Page - Renesas Technology Corp |
|
4 / 28 page ![]() HN58V65AI/HN58V66AI/HN58V65A-SR/HN58V66A-SR Series Rev.3.00, Feb.02.2004, page 4 of 26 Pin Description Pin name Function A0 to A12 Address input I/O0 to I/O7 Data input/output OE Output enable CE Chip enable WE Write enable VCC Power supply VSS Ground RDY/ Busy Ready busy RES*1 Reset NC No connection Note: 1. This function is supported by only the HN58V66A series. Block Diagram Note: 1. This function is supported by only the HN58V66A series. V V OE CE A5 A0 A6 A12 WE CC SS I/O0 I/O7 High voltage generator Control logic and timing Y decoder X decoder Address buffer and latch I/O buffer and input latch Y gating Memory array Data latch RES RDY/ Busy RES *1 *1 to to to |