データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

TP2411 データシート(PDF) 3 Page - 3PEAK INC.

部品番号 TP2411
部品情報  Low Cost, Low Noise CMOS RRIO Op-amps
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  3PEAK [3PEAK INC.]
ホームページ  http://www.3peakic.com/
Logo 3PEAK - 3PEAK INC.

TP2411 データシート(HTML) 3 Page - 3PEAK INC.

  TP2411 Datasheet HTML 1Page - 3PEAK INC. TP2411 Datasheet HTML 2Page - 3PEAK INC. TP2411 Datasheet HTML 3Page - 3PEAK INC. TP2411 Datasheet HTML 4Page - 3PEAK INC. TP2411 Datasheet HTML 5Page - 3PEAK INC. TP2411 Datasheet HTML 6Page - 3PEAK INC. TP2411 Datasheet HTML 7Page - 3PEAK INC. TP2411 Datasheet HTML 8Page - 3PEAK INC. TP2411 Datasheet HTML 9Page - 3PEAK INC. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 17 page
background image
3
TP2411/TP2412 / TP2414
Low Cost, Low Noise CMOS RRIO Op-amps
www.3peakic.com.cn
Rev. B.01
Electrical Characteristics
The specifications are at TA = 27° C. VS = 5V, RL = 2kΩ, CL =100pF.Unless otherwise noted.
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
VOS
Input Offset Voltage
VCM = VS/2
-1
± 0.25
+1
mV
VCM = 0V
-1
± 0.25
+1
mV
VOS TC
Input Offset Voltage Drift
-40°C to 125°C
1
μV/° C
IB
Input Bias Current
TA = 27 °C
0.3
pA
TA = 85 °C
150
pA
TA = 125 °C
300
pA
IOS
Input Offset Current
0.3
pA
Vn
Input Voltage Noise
f = 0.1Hz to 10Hz
3.14
μVPP
en
Input Voltage Noise Density
f = 1kHz
8.2
nV/√Hz
in
Input Current Noise
f = 1kHz
2
fA/√Hz
CIN
Input Capacitance
Differential
Common Mode
8
7
pF
CMRR
Common Mode Rejection Ratio
VCM = 2.5V
90
106
dB
VCM = 0V to 3V
80
106
dB
VCM = 0V to 5V
55
72
dB
VCM
Common-mode Input Voltage
Range
V-0.1
V+-0.1
V
PSRR
Power Supply Rejection Ratio
VS = 2.2V to 5.5V, VCM = 0V
82
100
dB
AVOL
Open-Loop Large Signal Gain
RLOAD = 2kΩ, VOUT = -2V to 2V
100
120
dB
VOL, VOH
Output Swing from Supply Rail
RLOAD = 2kΩ
20
50
mV
ROUT
Closed-Loop Output Impedance
G = 1, f =1MHz, IOUT = 0
0.2
Ω
RO
Open-Loop Output Impedance
f = 1kHz, IOUT = 0
125
Ω
ISC
Output Short-Circuit Current
Sink or source current
100
130
mA
VS
Supply Voltage
2.2
5.5
V
IQ
Quiescent Current per Amplifier
VS = 5V
1.4
1.95
mA
PM
Phase Margin
RLOAD = 1kΩ, CLOAD = 60pF
60
°
GM
Gain Margin
RLOAD = 1kΩ, CLOAD = 60pF
8
dB
GBWP
Gain-Bandwidth Product
f = 1kHz
10
MHz
SR
Slew Rate
AV = 1, VOUT = 0V to 10V, CLOAD = 100pF,
RLOAD = 2kΩ
3.0
7
V/μs
FPBW
Full Power Bandwidth Note 1
414
kHz
tS
Settling Time, 0.1%
Settling Time, 0.01%
AV = –1, 1V Step
0.75
0.85
μs
THD+N
Total Harmonic Distortion and
Noise
f = 1kHz, AV =1, RL = 2kΩ, VOUT = 1Vp-p
0.0005
%
Xtalk
Channel Separation
f = 1kHz, RL = 2kΩ
110
dB
Note 1: Full power bandwidth is calculated from the slew rate FPBW = SR/π • VP-P



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


データシート ダウンロード

Go To PDF Page


リンク URL



ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   データシートへのリンク    |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com