| データシートサーチシステム |
|
NM1482KSLAXCL データシート(PDF) 49 Page - Nanya Technology Corporation. |
|
|
|||||||||||||||||||||||||||||
NM1482KSLAXCL データシート(HTML) 49 Page - Nanya Technology Corporation. |
|
49 / 121 page ![]() Version 1.6 49 Nanya Technology Corp. 05/2018 All Rights Reserved. © 4Gb SLC NAND + 2Gb LPDDR2 NM148(F)2KSLAXCL/NM1482NSLAXCL NTC Proprietary Level: Property When a Reset (FFh) command is input during erasing When a Reset (FFh) command is input during Read operation When a Reset (FFh) command is input during Ready When a Status Read command (70h) is input after a Reset When two or more Reset commands are input in succession |