| データシートサーチシステム |
|
NM1282KSLAXAL データシート(PDF) 102 Page - Nanya Technology Corporation. |
|
|
|||||||||||||||||||||||||||||
NM1282KSLAXAL データシート(HTML) 102 Page - Nanya Technology Corporation. |
|
102 / 120 page ![]() Version 1.3 102 Nanya Technology Corp. 06/2018 All Rights Reserved. © 2Gb SLC NAND + 2Gb LPDDR2 NM1282KSLAXAL NTC Proprietary Level: Property MR0_Device Information (MA<7:0> = 00H) MR# MA <7:0> Function Access OP7 OP6 OP5 OP4 OP3 OP2 OP1 OP0 0 00H Device Info R (RFU) RZQI (Optional) (RFU) DI DAI OP0 DAI (Device Auto-Initialization Status) Read-only 0B: DAI complete 1B: DAI still in progress OP1 DI (Device Information) Read-only 0B: S2 or S4 SDRAM 1B: Do Not Use OP<4:3> RZQI (Built in Self Test for RZQ Information) Read-only 00B: RZQ self test not supported 01B: ZQ-pin may connect to VDDCA or float 10B: ZQ-pin may short to GND 11B:ZQ-pin self test completed, no error condition detected (ZQpin may not connect to VDDCA or float nor short to GND) Notes: 1. RZQI, if supported, will be set upon completion of the MRW ZQ Initialization Calibration command. |